Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI331MC-DR Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # PI331MC-DR
Description  300DPI CIS Two Level Digital Output Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI331MC-DR Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  PI331MC-DR Datasheet HTML 1Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 2Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 3Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 4Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 5Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 6Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 7Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 8Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
I/O to the module is a 8-pin flex cable connector (See I/O Connector, under
Specifications) located on one end of the module. The connector is on the top of the
module with the glass window facing down and it is located on the opposite side of the
module. See the Mechanical Housing under Mechanical Structure.
Circuit Description and Operation
See Figure 3 a simplified block diagram of the analog tracking digitizer. Fundamentally,
the tracking digitizer transforms the signal output from a CIS module existing on the
market today. It takes the analog signal from the CIS section of PI331MC-DR and derives
a tracking background reference signal. Then this reference is compared against the
output signals from the CIS section. The resulting signal from comparison produces a two-
level digital signal that is high when the pixel signal is brighter than the background and
remains at zero as long as the signal is darker than the background signal.
PAGE 3 OF 9 - PI331MC-DR, 11-8-00
GLASS WINDOW
DOCUMENT SURFACE
LIGHT PATH
SENSORS
PCB
LED
BAR
Figure 2. INSIDE PICTORIAL OF THE MODULE
IMAGE
PIXELS
FROM
THE
CIS
REFERENCE
LEVEL
GENERATOR
COMPARATOR
TWO
LEVEL
DIGITAL
OUTPUT
FIGURE 3. ANALOG SIGNAL REFERENCE
GENERATOR AND A SINGLE BIT COMPARATOR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com