Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI331MC-DR Datasheet(PDF) 8 Page - AMI SEMICONDUCTOR

Part # PI331MC-DR
Description  300DPI CIS Two Level Digital Output Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI331MC-DR Datasheet(HTML) 8 Page - AMI SEMICONDUCTOR

  PI331MC-DR Datasheet HTML 1Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 2Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 3Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 4Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 5Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 6Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 7Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 8Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Adjustments
General Location of Test, Adjustment and Monitor Points
Figure 5, PI331MC-DR PCB MONITOR AND TEST POINTS, shows the pictorial layout of
the controls and the tests points. These adjustment potentiometers and the test points are
shown relative to the connector and to the output pads for LED light power. This is a bird’s
eye view of the PCB’s backside with the glass window of the module facing down on the
documents.
Test point labeled TV is for the analog image pixels, just as it is produced at the output of
the CIS array section, and prior to its entry into the tracking digitizer circuit.
Test point labeled TR is the output of the tracking reference level from the tracking
digitizer circuit.
Test point labeled TVD is the digital output from the comparator.
Offset adjust, R4, is a screw driver adjustment potentiometer that is accessed through
adjustment hole as it viewed in figure 5.
Gain adjust, R5, is a screw driver adjustment potentiometer that is accessed through the
hole as it is viewed in figure 5.
PAGE 8 OF 9 - PI331MC-DR, 11-8-00
BACK SIDE OF THE PCB AS VIEWED ON MODULE
WITH THE GLASS WINDOW FACING DOWN.
TV
TR
TVD
R5 (GAIN ADJ)
R4 (OFFSET ADJ)
CONNECTOR
VLED
GLED
PI331MC-DR PCB MONITOR AND TEST POINTS
FIGURE 5.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com