Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3012A Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # PI3012A
Description  300DPI CIS Sensor Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3012A Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  PI3012A Datasheet HTML 1Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 2Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SYMBOL
FUNCTION
SP
Start Pulse: Input to start the line scan.
CP
Clock Pulse: Input to clock the Shift Register.
VDD
Positive Supply: +5 volt supply connected to substrate.
DGND
Digital Ground: Connection topside common.
IOUT
Signal Current Output: Output for video signal current
EOS
End of Scan Pulse: Output from the shift register at end of scan.
Table 1. Pad Symbols and Functions
Bonding pad layout diagram:
Figure 2 shows the bonding pad locations for PI3012A Sensor Chip relative to the lower left corner of the die.
the die.
Electro-Optical Characteristics (25 C)
Table 2, below, lists the electro-optical characteristics of PI3012A sensor chip at 25
o C.
8080 µm
380µm
Y
X
PAD
FUNCTION
Y
X
SP
W C B E
CP
SENSOR DIE
VDD
GND
IOUT
B1 W1
PAGE 2 OF 7 PI3012A, 6/9/99
NOTES:
1. THE DRAWING IS NOT TO SCALE.
2. THE DIE LENGTH AND WIDTH ARE
GIVEN AS SHOWN.
3. THE PAD LOCATIONS ARE GIVEN
IN THE TABLE.
4. THERE ARE TWO EXAMPLES OF
THE X AND Y LOCATIONS SHOWN
ON THE FIRST TWO PADS. THEY
ARE MEASURED TO THE LEFT BOTTOM
CORNER OF THE PAD OPENNING.
5. ALL DIMENSIONS ARE IN µm.
6. TP ARE TEST POINTS, THEY ARE
NOT TO BE BONDED OUT.
NOTE: ALL PAD OPENNINGS ARE 140 X 80 µm
EXCEPT FOR THE TEST PADS, WHICH ARE 80 X 80 µm.
EOS
FIGURE 2. PI3012A PAD LAYOUT AND DIE SIZE.
SP
START INPUT
30
742.5
CP
CLOCK INPUT
30
2767.0
VDD
+ 5 VOLT SUPPLY 30
3124.5
VSS
GROUND
30
3419.0
IOUT
VIDEO SIGNAL OUT
30
5095.5
EOS
SCAN OUTPUT
30
7000.1
W
TP
30
1162.5
C
TP
30
1312.5
B
TP
30
1658.0
E
TP
30
1807.0
B1
TP
30
5407.0
W1
TP
30
5672.0
o
X



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com