Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3012A Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # PI3012A
Description  300DPI CIS Sensor Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3012A Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  PI3012A Datasheet HTML 1Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 2Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Parameters
Symbols
Typical
Units
Notes
Number of Photo-elements
96
elements
Pixel-to-pixel spacing
84.6
mm
Line scanning rate
Tint *
(1)
1.3
ms/line
Clock frequency
f *
(2)
2.0
MHz
Output voltage
Vp*
(3)
200
mV
Level is adjustable see (3)
This measurement was
directly taken on the video
line without an amplifier.
Output voltage non-uniformity
Up *
(4)
± 7.5
%
Chip-to-chip non-uniformity
Ud
± 7.5
%
Dark output voltage
Vd *
(5)
10
mV
Dark output non-uniformity
Ud *
(6)
<15
mV
Table 2. Electro-Optical Characteristic
Notes: (1) Tint stands for the line scanning rate or the integration time. It is determined
by the time interval between two start pulses.
(2) f stands for the input clock frequency:
@ 1.0 MHz the total active line scan time for a A4 CIS module is 2.6 ms
of the line integration time.
@ 2.0 MHz the total active line scan time for a A4 CIS module is 1.3 ms
of the line integration time.
(3) Vp is a video output signal. It is converted from the signal current by
charging the video line capacitance. An amplifier buffers the video line
capacitance and allows line to charge, and the line is discharged through a
shunting switch that shunts it to ground. This amplifier also provides a
variable gain, typically 4 to 5 times the voltage that is measured on the video
line. Hence, as indicated in the schematic, the video output level is
adjustable.
(4) Up = [(Vpmax-Vp)/Vp]x100%
Or [(Vp-Vpmin)/Vp]x100%
Where Vp = (Vpmax+Vpmin)/2
Vpmax is the maximum pixel output voltage in the light.
Vpmin is the minimum pixel output voltage in the light.
Note: In the light means the sensor is exposed to the light.
(5) Vd = (Vdmax+Vdmin)/2
Vdmax is the maximum pixel output voltage in the dark.
Vdmin is the minimum pixel output voltage in the dark.
Note: In the dark means that sensor is light shielded and has no
exposure to the light.
(5) Ud = [(Vdmax-Vdmin)/Vd]x100%
PAGE 3 OF 7 PI3012A, 6/9/99



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com