| Electronic Components Datasheet Search |
|
PI3033B Datasheet(PDF) 11 Page - AMI SEMICONDUCTOR |
|
|
|||||||||||||||||||||||||||||
PI3033B Datasheet(HTML) 11 Page - AMI SEMICONDUCTOR |
|
11 / 13 page ![]() Preliminary PI3033B datasheet Page 11 of 13 Date: 03/18/05 (2) Prohibit crossing time is to insure that no two start pulses are locked into the shift register for any single scan time. Since the start pulse is entered into the shift register during its active high level when the CP clock edges falls, the active high of the start pulse is permitted only during one falling, CP, clock edges for any given scan. Otherwise, multiple start pulses will load into the shift register. (3) Pixel delay times and settling time depend on the output amplifier, which is employed. These values, tdl and ts/h, are measured with the amplifier see in Figure 9. Typical A6 CIS Module Circuit using the PI3033B sensors. Note, the impulse signal current out of the device has pulse width ~ 30 ns. Hence, the faster the amplifier with a faster settling time will yield a signal video pulse with faster rise and settle times. Typical A6 CIS Module Circuit See Figure 9. Typical A6 CIS Module Circuit using the PI3033B sensors. The circuit is provided as reference to illustrate the interconnection of the PI3033B for a serially cascaded line of image sensors. It is a typical A6 size CIS module produced by PIC. It provides the first time user with additional insight for designing a CIS module and supplements the circuit descriptions given in the section, Signal Output Conversion, page 5. The difference is in the arrangement of the two shunt switches, U2D, and U2A. U2D is a counterpart to SW in Figure 5. Video Output Test and Application Circuit. A DC restoration capacitor, C20, with value of 100pf added between the shunts switch. The first, U2D, clamps the video line to ground to reset the image sensors. Simultaneously the second, U2A, clamps the node between C20 and amplifier input to a output reference bias voltage that is on the node between R4 and R9. These resistors are voltage divider that sets the DC operating level of the amplifier’s output by applying same bias voltage to both inputs of the amplifier (See next page for the Typical A6 CIS Module Circuit.) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |