Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3041A Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # PI3041A
Description  Contact Image Sensor 300DPI CIS Sensor Chip
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3041A Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  PI3041A Datasheet HTML 1Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 2Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 7Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 8Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Preliminary PI3041A datasheet
Output Circuit Of The Image Sensor
The video signal from each photo-site is connected to a common video line on the sensor. Each
photo-site is composed of a phototransistor with a series MOS switch connecting its emitter to a
common video line. The video line is connected to the pad labeled IOUT. The photo-sites are readout
upon the closure of the MOS switch, which is sequentially switched on and off by its internal scanning
shift register,
see Figure 1, PI3041A Block Diagram. For the clock and timing operation image sensor
see Figure 7, Timing Diagram Of The PI3041A Sensor. The photo-sensing element is the base of the
phototransistor where it detects and converts the light energy to proportional charges and stores them
in its base and collector capacitance. When the MOS switch is activated, the emitter is connected to
the video line and acts as source follower, producing an impulse current proportional to the stored
charges in the base. This current is a discrete-time analog signal output called the video pixel. The
charges in the video pixel are proportional to the light energy impinging in the neighborhood of its
photo-sites. Figure 4, Video Pixel Output Structures, show a output structure of four photo-sites out of
128. The multiplexing MOS switch in each photo-site terminates into the output pad, IOUT, through a
common video line. As the shift register sequentially accesses each photo-site the charges of the
video pixel is sent to the IOUT where they are processed with an external signal conversion circuit.
See the follow section, Signal Conversion Circuit.
Figure 4. Video Pixel Output Structures
Signal Conversion Circuit
Figure 5, Video Output Test and Application Circuit is an example of the charge conversion that is
used in the CIS modules. It is usually bonded on the same PCB on which the image sensors are
bonded. In applications where cost is important factor, this simply circuit provides the cleanest
technique in processing the video output. It integrates all the currents from each pixel element onto a
capacitor, CAP. It, also, sums the switch edge’s energy along with the signal current pulses, hence
minimizes the switching patterns on the video pixels. The summed charges stored on the CAP,
produce a pixel voltage. Its voltage amplitude is proportional to the charge from the current pulse and
the value of the CAP.
Page 5 of 18 Date: 09/23/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com