Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6050D Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # PI6050D
Description  Contact Image Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI6050D Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  PI6050D Datasheet HTML 1Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 2Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 3Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 4Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 5Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 6Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 7Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 8Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PI6050D Data Sheet
_________________________________________________________________________________________
Bonding Pad Layout Diagram
Figure 2 shows the bonding pad locations for the PI6050D sensor.
X
Y
X
Y
CLK
GBST
SIC
SI
425µm
GBST
SI
VDD
SIC
CLK
VSS
VOUT
VR
SO
SC
SC
14560µm
Pad Location Table
Location
Global Start Pulse
Start Input Control
Start Pulse
Clock
Switch Control
VDD
VOUT
VSS
VREF
SO
Power Supply
Video Output Voltage
Ground
Reference Voltage
End of Scan Pulse
Pad
30
30
30
34
30
34
30
30
30
30
13259
10549
10909
5820
4945
5414
4590
3442
4199
1000
SI
3. Pad locations are listed in the Pad Location Table
in the above sensor die figure
2. The die length and width are given
1. The drawing is not to scale.
X
4. Each pad is 120 x 80um
5. All dimensions are in um
6. Die size does not include the scribe line
Y
eg.
X
Notes:
GBST
X
Figure 2. PI6050D Bonding Pad Layout
Wafer Scribe Line
Figure 3 outlines the scribe line dimensions surrounding the sensor die on a wafer.
60µm
60µm
55µm
55µm
15µm
425µm
14560µm
Figure 3. Wafer Scribe Line
Page 5 of 15, PI6050D_rev A, Revised 1-31-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com