Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6050D Datasheet(PDF) 12 Page - AMI SEMICONDUCTOR

Part # PI6050D
Description  Contact Image Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI6050D Datasheet(HTML) 12 Page - AMI SEMICONDUCTOR

Back Button PI6050D Datasheet HTML 7Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 8Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 9Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 10Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 11Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 12Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 13Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 14Page - AMI SEMICONDUCTOR PI6050D Datasheet HTML 15Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
PI6050D Data Sheet
_________________________________________________________________________________________
Figures 6 and 7 detail the timing of the CLK, GBST, Vout and SI/SO signals in further detail, which have the
same timing requirements for both the 600 and 1200 dpi modes. The rise and fall times are listed in table 5
above. In Figure 7, note that pixel 111 is the first active pixel.
GBST
CLK
GBSTft
GBSTrt
Tset
Thold
CLKpw
CLKpw
CLKrt
50%
CLKp
CLKft
VOUT
SI/SO
10%
Pft
SI/SOrt
SI/SOft
Prt
90%
Figure 6. Rise and Fall Times for both the 600/1200 dpi modes
111 112
114
113
115
109 110
2
3
1108
Thold
Tset
Tset
Thold
CLK
GBST
Video Signal (Vout)
58
57
2
1
55
56
Figure 7. Timing of GBST-to-First Pixel of the First Sensor for both the 600/1200 dpi Modes.
Page 12 of 15, PI6050D_rev A, Revised 1-31-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com