Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2CF-08 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # P2CF-08
Description  General-purpose Relays and Power Relays Sockets
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button P2CF-08 Datasheet HTML 8Page - Omron Electronics LLC P2CF-08 Datasheet HTML 9Page - Omron Electronics LLC P2CF-08 Datasheet HTML 10Page - Omron Electronics LLC P2CF-08 Datasheet HTML 11Page - Omron Electronics LLC P2CF-08 Datasheet HTML 12Page - Omron Electronics LLC P2CF-08 Datasheet HTML 13Page - Omron Electronics LLC P2CF-08 Datasheet HTML 14Page - Omron Electronics LLC P2CF-08 Datasheet HTML 15Page - Omron Electronics LLC P2CF-08 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
General-purpose Relays and Power Relays
Sockets
249
■ P2R/P7TF
Note: When indicator modules with an I/O SSR are used, the No. 1 pin becomes positive.
Dimensions
Terminal arrangement/
Internal connections
Mounting holes
P2R-05A (One pole)
14.5 max.
35.5 max.
Five, 3 x 1.8-dia. holes
36.5 max.
(Bottom view)
Use panel with thickness of 1.6 to 2.0 mm.
P2R-08A (Two poles)
14.5 max.
35.5 max.
Eight, 3 x 1.2-dia. holes
36.5 max.
(Bottom view)
P7TF-05
19 max.
71.5 max.
Screw with square washer
59 max.
(Top view)
(
−)(+)
Two, 3.0 dia.
(Top view)
Note: Track-mounting is also
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com