Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2CF-08 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # P2CF-08
Description  General-purpose Relays and Power Relays Sockets
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button P2CF-08 Datasheet HTML 12Page - Omron Electronics LLC P2CF-08 Datasheet HTML 13Page - Omron Electronics LLC P2CF-08 Datasheet HTML 14Page - Omron Electronics LLC P2CF-08 Datasheet HTML 15Page - Omron Electronics LLC P2CF-08 Datasheet HTML 16Page - Omron Electronics LLC P2CF-08 Datasheet HTML 17Page - Omron Electronics LLC P2CF-08 Datasheet HTML 18Page - Omron Electronics LLC P2CF-08 Datasheet HTML 19Page - Omron Electronics LLC P2CF-08 Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
General-purpose Relays and Power Relays
Sockets
253
Note:
1. Use a panel with a thickness of 1 to 2 mm when mounting a Socket on it.
2. The PY14-Y1 and the PY14QN-Y1 can be used with MY4-series models and the MY2K.
■ PTF Dimensions
Dimensions
Terminal arrangement/
Internal connections
(bottom view)
Mounting holes
PY14
PY14-Y1 (
l=42 max.)
PY14-Y3 (
l=60 max.)
Fourteen, 3-dia. x 1.2 ellipses
Note: PY14-Y1 includes the part outlined by the dashed lines above.
25.5
max.
29.5
max.
24 max.
20 max.
*
l
Fourteen,
1.3-dia.
holes
PY14QN, PY14QN2
PY14QN-Y1 (
l=42 max.)
PY14QN2-Y1 (
l=42 max.)
PY14QN-Y2 (
l=49 max.)
PY14QN2-Y2 (
l=49 max.)
PY14QN-Y3 (
l=60 max.)
PY14QN2-Y3 (
l=60 max.)
*
41.5 max.
(36.5 max.)
**
29.5 max.
22
max.
24
max.
Note: 1. PY11QN(2)-Y1 includes the part outlined by the dashed lines
above.
2 The figures in the parentheses are for PY11QN2 (-Y1).
**
PY14-02
16.5 max.
25.5
max.
29.5
max.
22
max.
Dimensions
Terminal arrangement/
Internal connections
(top view)
Mounting holes (top view)
PTF08A
Two, 4.5 x 6
mounting holes
Eight, 3.5M x 8
screw
78.5
max.
28.5 max.
35.4
8
30
max.
7
3.4
Two, M4 or
4.5-dia. holes
Note: Track-mounting is avail-
able. See page 245.
68
±0.3
27.5
±0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com