Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2579C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA2579C
Description  Synchronization circuit with synchronized vertical divider system for 60 Hz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2579C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA2579C Datasheet HTML 4Page - NXP Semiconductors TDA2579C Datasheet HTML 5Page - NXP Semiconductors TDA2579C Datasheet HTML 6Page - NXP Semiconductors TDA2579C Datasheet HTML 7Page - NXP Semiconductors TDA2579C Datasheet HTML 8Page - NXP Semiconductors TDA2579C Datasheet HTML 9Page - NXP Semiconductors TDA2579C Datasheet HTML 10Page - NXP Semiconductors TDA2579C Datasheet HTML 11Page - NXP Semiconductors TDA2579C Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
January 1994
8
Philips Semiconductors
Preliminary specification
Synchronization circuit with synchronized
vertical divider system for 60 Hz
TDA2579C
NOISE LEVEL DETECTOR
The IC also embodies a built-in sync pulse noise level
detection circuit. This circuit is directly connected to pin 5
and measures the noise level at the middle of the
horizontal sync pulse. When a signal-to-noise level (S/N)
of
≤19 dB is detected a counter circuit is activated.
S/N
A video input signal is processed as "acceptable noise
free" when 12 out of 15 sync pulses have a noise level
below 19 dB for successive field periods. The sync pulses
are processed during a 15 line width gating period
generated by the divider system. The measuring circuit
has a built-in noise level hysteresis of approximately 3 dB.
The use of a filter of 1 k
Ω and 150 pF in front of pin 5
reduces the noise content of the CVBS signal by
approximately 6 dB.
When the "acceptable noise free" condition is found the
phase detector of pin 8 is switched to not gated and normal
time constant. When a higher sync pulse noise level is
found the phase detector is switched over to slow time
constant and gated sync pulse detection. At the same time
the integration time of the vertical sync pulse separator is
reduced providing V18 > 1.2 V.
PHASE DETECTOR
(SEE FIG.3)
The phase detector circuit is connected to pin 8. This
circuit consists of 3 separate phase detectors which are
activated depending on the voltage of pin 18 and the state
of the sync pulse noise detection circuit. For normal and
fast time constants all three phase detectors are activated
during the vertical blanking period, this with the exception
of the anti-top-flutter pulse period, and the separated
vertical sync pulse time. As a result, phase jumps in the
video signal related to the video head, take over of video
recorders are quickly restored within the vertical blanking
period. At the end of the blanking period the phase
detector time constant is increased by a factor of 1.4.
In this way there is no requirement for external VTR time
constant switching, and thus all station numbers are
suitable for signals from VTR, video games or home
computers.
= 20 log
Video voltage (black-to-white signal)
Noise (RMS)
------------------------------------------------------------------------------------------------
For quick locking of a new TV station starting from a noise
only signal condition (normal time constant) a special
circuit is incorporated. A new TV station which is not
locked to the horizontal oscillator will result in a voltage
decrease below 0.1 V at pin 18. This will activate a field
period counter which switches the phase detector to fast
for 3 field periods during the vertical scan period.
The horizontal oscillator will now lock to the new TV station
and as a result, the voltage on pin 18 will increase to
approximately 6.5 V. When pin 18 reaches a level of 1.8 V
the mute output transistor of pin 13 is switched off and the
divider is set to the large window. In general the mute
signal is switched off within 5 ms (C18 = 47 nF) after
reception of a new TV signal. When the voltage on pin 18
reaches a level of 5 V, usually within 15 ms, the field
counter is switched off and the time constant is switched
from fast to normal during the vertical scan period.
If the new TV station is weak, the sync noise detector is
activated. This will result in a change over of pin 18 voltage
from 6.5 V to approximately 10 V. When pin 18 exceeds
the level of 7.8 V the phase detector is switched to slow
time constant and gated sync pulse condition.
The phase detector output current during the blanking
period is now reduced from 2 mA to 1.35 mA.
When desired, most conditions of the phase detector can
also be set by external means in the following way:
• fast time constant, TV transmitter identification circuit
not active, connect pin 18 to ground (pin 9)
• fast time constant, TV transmitter identification circuit
active, connect a 220 k
Ω resistor between pin 18 and
ground; this condition can also be set by using a 3.6 V
stabistor diode instead of a resistor
• slow time constant (with the exception of the vertical
blanking period), connect pin 18 via a 10 k
Ω resistor to
+12 V (pin 10); in this condition the transmitter
identification circuit is not active
• no switching to slow time constant required (transmitter
identification circuit active), connect a 6.8 V Zener diode
between pin 18 and ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com