Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2579C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA2579C
Description  Synchronization circuit with synchronized vertical divider system for 60 Hz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2579C Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA2579C Datasheet HTML 1Page - NXP Semiconductors TDA2579C Datasheet HTML 2Page - NXP Semiconductors TDA2579C Datasheet HTML 3Page - NXP Semiconductors TDA2579C Datasheet HTML 4Page - NXP Semiconductors TDA2579C Datasheet HTML 5Page - NXP Semiconductors TDA2579C Datasheet HTML 6Page - NXP Semiconductors TDA2579C Datasheet HTML 7Page - NXP Semiconductors TDA2579C Datasheet HTML 8Page - NXP Semiconductors TDA2579C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
January 1994
2
Philips Semiconductors
Preliminary specification
Synchronization circuit with synchronized
vertical divider system for 60 Hz
TDA2579C
FEATURES
Synchronization and horizontal part
• Horizontal sync separator and noise inverter
• Horizontal oscillator
• Horizontal output stage
• Horizontal phase detector (sync to oscillator)
• Triple current source in the phase detector with
automatic selection
• Normal phase detector time constant is increased to fast
during the vertical blanking period (external switching for
VTR conditions not necessary)
• Slow phase detector time constant and gated sync pulse
operation are automatically switched on by an internal
sync pulse noise level detection circuit
• Fast phase detector time is switched on for locking
• Time constant externally switchable
• Inhibit of horizontal phase detector and video transmitter
identification circuit during equalizing pulses and vertical
sync pulse
• Inhibit of horizontal phase detector during separated
vertical sync pulse
• Second phase detector for storage compensation of the
line output stage
• 3-level sandcastle pulse generator
• Automatic adaption of the burst key pulse width
• Video transmitter identification circuit
• Stabilizer and supply circuit for starting the horizontal
oscillator and output stage directly from the mains
rectifier
• Horizontal output current with constant duty factor value
of 55%
• Duty factor of the horizontal output pulse is 55% when
the horizontal flyback pulse is absent.
Vertical part
• fV = 60 Hz (M) system
• Vertical synchronization pulse separator without
external components and two integration times
• Zener diode reference voltage source for the vertical
sawtooth generator and vertical comparator
• Divider system with three different reset enable windows
• Synchronization is set to 528 divider ratio when no
vertical sync pulse and no video transmitter is identified
• Divider window is forced to wide window when a vertical
sync pulse is detected within the window provided by
reset divider and end of vertical blanking period, on
condition that the voltage on pin 18 is
≤1.2 V
• Divider ratio is 528 (fV = 60 Hz) for DC signal on pin 5
• Linear negative-going sawtooth generated via the
divider system (no frequency adjustment)
• Comparator with low DC level feedback signal
• Output stage driver
• fV = 60 Hz identification output combined with mute
function
• Start of vertical blanking is shifted to the start of the
pre-equalizing pulses when the divider ratio is between
522 and 528 lines per picture
• Guard circuit which generates the vertical blanking
pulse level on the sandcastle output pin 17 when the
feedback level at pin 2 is not within the specified limits.
GENERAL DESCRIPTION
The TDA2579C is an integrated circuit generating all
requirements for synchronization of its horizontal oscillator
and output stage plus those of the vertical part which
comprises a divider system, sawtooth generator,
comparator and output stage.
The TDA2579C is almost identical to the TDA2579B.
It is optimized for the M (60 Hz) TV system.
ORDERING INFORMATION
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA2579C
18
DIL
plastic
SOT102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com