Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD55003-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # PD55003-E
Description  RF power transistor from the LdmoST plastic family of N-channel enhancement-mode lateral MOSFETs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PD55003-E Datasheet HTML 6Page - STMicroelectronics PD55003-E Datasheet HTML 7Page - STMicroelectronics PD55003-E Datasheet HTML 8Page - STMicroelectronics PD55003-E Datasheet HTML 9Page - STMicroelectronics PD55003-E Datasheet HTML 10Page - STMicroelectronics PD55003-E Datasheet HTML 11Page - STMicroelectronics PD55003-E Datasheet HTML 12Page - STMicroelectronics PD55003-E Datasheet HTML 13Page - STMicroelectronics PD55003-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Typical performance
PD55003-E
10/29
Doc ID 12273 Rev 4
4.2
Performance for the PowerSO-10RF straight lead
Figure 17.
Output power vs. input power
Figure 18.
Output power vs. input power
0
0.05
0.1
0.15
0.2
0.25
0.3
Pin, INPUT POWER (W)
0
1
2
3
4
5
6
7
Vdd = 12.5 V
Idq = 50 mA
Tune for Po=3 W
520 MHz
500 MHz
480 MHz
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
Pin, INPUT POWER (W)
0
1
2
3
4
5
6
7
Vdd = 12.5 V
Idq = 50 mA
Tune for Po=6 W
520 MHz
500 MHz
480 MHz
Figure 19.
Drain efficiency vs. output power
Figure 20.
Drain efficiency vs. output power
Figure 21.
Power gain vs. output power
Figure 22.
Return loss vs. output power
0
1
23
45
6
7
Pout, OUTPUT POWER (W)
20
30
40
50
60
70
80
Vdd = 12.5 V
Idq = 50 mA
Tune for Po=3 W
520 MHz
500 MHz
480 MHz
0
1
2
3
456
7
Pout, OUTPUT POWER (W)
20
30
40
50
60
70
80
Vdd = 12.5 V
Idq = 50 mA
Tune for Po=6 W
520 MHz
500 MHz
480 MHz
0
1
2345
67
Pout, OUTPUT POWER (W)
4
6
8
10
12
14
16
18
20
Vdd = 12.5 V
Idq = 50 mA
Tune for Po=3 W
520 MHz
500 MHz
480 MHz
0
1
23456
7
Pout, OUTPUT POWER (W)
-40
-30
-20
-10
0
Vdd = 12.5 V
Idq = 50 mA
Tune for Po=3 W
520 MHz
500 MHz
480 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com