Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD55003-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # PD55003-E
Description  RF power transistor from the LdmoST plastic family of N-channel enhancement-mode lateral MOSFETs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003-E Datasheet(HTML) 4 Page - STMicroelectronics

  PD55003-E Datasheet HTML 1Page - STMicroelectronics PD55003-E Datasheet HTML 2Page - STMicroelectronics PD55003-E Datasheet HTML 3Page - STMicroelectronics PD55003-E Datasheet HTML 4Page - STMicroelectronics PD55003-E Datasheet HTML 5Page - STMicroelectronics PD55003-E Datasheet HTML 6Page - STMicroelectronics PD55003-E Datasheet HTML 7Page - STMicroelectronics PD55003-E Datasheet HTML 8Page - STMicroelectronics PD55003-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Electrical characteristics
PD55003-E
4/29
Doc ID 12273 Rev 4
2
Electrical characteristics
TCASE = +25
oC
2.1
Static
2.2
Dynamic
2.3
Moisture sensitivity level
Table 4.
Static
Symbol
Test conditions
Min
Typ
Max
Unit
IDSS
VGS = 0
VDS = 28 V
1
µA
IGSS
VGS = 20 V
VDS = 0
1
µA
VGS(Q)
VDS = 10 V
ID = 50 mA
2.0
5.0
V
RDS(ON)
VGS = 10 V
ID = 1 A
0.75
Ω
gFS
VDS = 10 V
ID = 1 A
1.0
mho
CISS
VGS = 0
VDS = 12.5 V
f = 1 MHz
36
pF
COSS
VGS = 0
VDS = 12.5 V
f = 1 MHz
24
pF
CRSS
VGS = 0
VDS = 12.5 V
f = 1 MHz
2.4
pF
Table 5.
Dynamic
Symbol
Test conditions
Min
Typ
Max
Unit
P1dB
VDD = 12.5 V, IDQ = 50 mA
f = 500 MHz
3
W
GP
VDD = 12.5 V, IDQ = 50 mA, POUT = 3W, f = 500 MHz
14
17
dB
hD
VDD = 12.5 V, IDQ = 50 mA, POUT = 3W, f = 500 MHz
45
52
%
Load
mismatch
VDD = 15.5 V, IDQ = 50 mA, POUT = 3W, f = 500 MHz
All phase angles
20:1
VSWR
Table 6.
Moisture sensitivity level
Test methodology
Rating
J-STD-020B
MSL 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com