Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-98 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # DER-98
Description  41W (53Wpk) Power Supply using TOP246Y
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-98 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button DER-98 Datasheet HTML 13Page - Power Integrations, Inc. DER-98 Datasheet HTML 14Page - Power Integrations, Inc. DER-98 Datasheet HTML 15Page - Power Integrations, Inc. DER-98 Datasheet HTML 16Page - Power Integrations, Inc. DER-98 Datasheet HTML 17Page - Power Integrations, Inc. DER-98 Datasheet HTML 18Page - Power Integrations, Inc. DER-98 Datasheet HTML 19Page - Power Integrations, Inc. DER-98 Datasheet HTML 20Page - Power Integrations, Inc. DER-98 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
DER-98
41W (53W pk) DVR
September 12, 2005
Page 17 of 30
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
TRANSFORMER SECONDARY DESIGN PARAMETERS (MULTIPLE OUTPUTS)
1st output
VO1
3.3
Volts
Output Voltage
IO1
1.500
Amps
Output DC Current
PO1
4.95
4.95 Watts
Output Power
VD1
0.5
Volts
Output Diode Forward Voltage Drop
NS1
2.07
2.07
Output Winding Number of Turns
ISRMS1
2.432
2.432 Amps
Output Winding RMS Current
IRIPPLE1
1.91
1.91 Amps
Output Capacitor RMS Ripple Current
PIVS1
21
21 Volts
Output Rectifier Maximum Peak Inverse Voltage
CMS1
486
486 Cmils
Output Winding Bare Conductor minimum circular mils
AWGS1
23
23 AWG
Wire Gauge (Rounded up to next larger standard AWG value)
DIAS1
0.58
0.58 mm
Minimum Bare Conductor Diameter
ODS1
5.16
5.16 mm
Maximum Outside Diameter for Triple Insulated Wire
2nd output
VO2
12.0
Volts
Output Voltage
IO2
0.700
Amps
Output DC Current
PO2
8.40
8.40 Watts
Output Power
VD2
0.5
Volts
Output Diode Forward Voltage Drop
NS2
6.82
6.82
Output Winding Number of Turns
ISRMS2
1.135
1.135 Amps
Output Winding RMS Current
IRIPPLE2
0.89
0.89 Amps
Output Capacitor RMS Ripple Current
PIVS2
71
71 Volts
Output Rectifier Maximum Peak Inverse Voltage
CMS2
227
227 Cmils
Output Winding Bare Conductor minimum circular mils
AWGS2
26
26 AWG
Wire Gauge (Rounded up to next larger standard AWG value)
DIAS2
0.41
0.41 mm
Minimum Bare Conductor Diameter
ODS2
1.57
1.57 mm
Maximum Outside Diameter for Triple Insulated Wire
3rd output
VO3
22.0
Volts
Output Voltage
IO3
0.100
Amps
Output DC Current
PO3
2.20
2.20 Watts
Output Power
VD3
0.7
Volts
Output Diode Forward Voltage Drop
NS3
12.38
12.38
Output Winding Number of Turns
ISRMS3
0.162
0.162 Amps
Output Winding RMS Current
IRIPPLE3
0.13
0.13 Amps
Output Capacitor RMS Ripple Current
PIVS3
128
128 Volts
Output Rectifier Maximum Peak Inverse Voltage
CMS3
32
32 Cmils
Output Winding Bare Conductor minimum circular mils
AWGS3
34
34 AWG
Wire Gauge (Rounded up to next larger standard AWG value)
DIAS3
0.16
0.16 mm
Minimum Bare Conductor Diameter
ODS3
0.86
0.86 mm
Maximum Outside Diameter for Triple Insulated Wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com