Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-98 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # DER-98
Description  41W (53Wpk) Power Supply using TOP246Y
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-98 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button DER-98 Datasheet HTML 17Page - Power Integrations, Inc. DER-98 Datasheet HTML 18Page - Power Integrations, Inc. DER-98 Datasheet HTML 19Page - Power Integrations, Inc. DER-98 Datasheet HTML 20Page - Power Integrations, Inc. DER-98 Datasheet HTML 21Page - Power Integrations, Inc. DER-98 Datasheet HTML 22Page - Power Integrations, Inc. DER-98 Datasheet HTML 23Page - Power Integrations, Inc. DER-98 Datasheet HTML 24Page - Power Integrations, Inc. DER-98 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
DER-98
41W (53W pk) DVR
September 12, 2005
Page 21 of 30
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
11 Control Loop Measurements
The power supply is loaded at full load 53 W to show worst case.
11.1 110 VAC Maximum Continuous Load
Figure 9 –
Gain-Phase Plot, 110 VAC, 53W Steady State Load.
Vertical Scale: Gain = 10 dB/div, Phase = 30
°/div.
Crossover Frequency = 938 Hz Phase Margin = 78.4
°
11.2 230 VAC Maximum Continuous Load
Figure 10 –
Gain-Phase Plot, 230 VAC, 53W Steady State Load.
Vertical Scale: Gain = 10 dB/div, Phase = 30°/div.
Crossover Frequency = 1.19 kHz, Phase Margin = 87.28
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com