Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3604TH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA3604TH
Description  Multiple voltage regulators with external reset delay and switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3604TH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA3604TH Datasheet HTML 5Page - NXP Semiconductors TDA3604TH Datasheet HTML 6Page - NXP Semiconductors TDA3604TH Datasheet HTML 7Page - NXP Semiconductors TDA3604TH Datasheet HTML 8Page - NXP Semiconductors TDA3604TH Datasheet HTML 9Page - NXP Semiconductors TDA3604TH Datasheet HTML 10Page - NXP Semiconductors TDA3604TH Datasheet HTML 11Page - NXP Semiconductors TDA3604TH Datasheet HTML 12Page - NXP Semiconductors TDA3604TH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1997 Aug 21
9
Philips Semiconductors
Product specification
Multiple voltage regulators with external
reset delay and switch
TDA3604Q; TDA3604TH
CHARACTERISTICS
VP =VI(sw) = 14.4 V; Tamb =25 °C; see Fig.7; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
operating
9.75
14.4
25
V
regulator 2 on
note 1
2.4
14.4
25
V
jump start
t
≤ 10 minutes
−−
30
V
load dump protection
during 50 ms; tr ≥ 2.5 ms
−−
50
V
Iq
quiescent supply current
VP = 12.4 V; note 2
−
400
500
µA
VP = 14.4 V; note 2
−
420
−µA
Schmitt trigger power supply for the power switch
Vthr
rising threshold voltage
4.0
4.5
5.0
V
Vthf
falling threshold voltage
3.5
4.0
4.5
V
Vhys
hysteresis voltage
−
0.5
−
V
Schmitt trigger power supply for regulator 1
Vthr
rising threshold voltage
4.0
4.5
5.0
V
Vthf
falling threshold voltage
3.5
4.0
4.5
V
Vhys
hysteresis voltage
−
0.5
−
V
Schmitt trigger for regulator 2
Vthr
rising threshold voltage
6.0
6.5
7.1
V
Vthf
falling threshold voltage
1.7
1.9
2.2
V
Vhys
hysteresis voltage
−
4.7
−
V
Schmitt trigger for enable input (of regulator 1 and power switch)
Vthr
rising threshold voltage
1.7
2.2
2.7
V
Vthf
falling threshold voltage
1.5
2.0
2.5
V
Vhys
hysteresis voltage
−
0.2
−
V
Schmitt trigger for reset buffer
Vr(REG2)
rising voltage of regulator 2
note 3
−
VREG2 − 0.15 −
V
Vf(REG2)
falling voltage of regulator 2
note 3
−
VREG2 − 0.25 −
V
Vspread
voltage spread on tracking
note 4
−
10
−
mV
Schmitt trigger for ignition buffer
Vthr
rising threshold voltage
1.7
2.2
2.7
V
Vthf
falling threshold voltage
1.5
2.0
2.5
V
Vhys
hysteresis voltage
−
0.2
−
V
Reset buffer
Isink
LOW-level sink current
VRES ≤ 0.8 V
15
20
−
mA
Ileak
leakage current
VP = 14.4 V; VRES = 5 V
25
50
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com