Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3604TH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA3604TH
Description  Multiple voltage regulators with external reset delay and switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3604TH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA3604TH Datasheet HTML 6Page - NXP Semiconductors TDA3604TH Datasheet HTML 7Page - NXP Semiconductors TDA3604TH Datasheet HTML 8Page - NXP Semiconductors TDA3604TH Datasheet HTML 9Page - NXP Semiconductors TDA3604TH Datasheet HTML 10Page - NXP Semiconductors TDA3604TH Datasheet HTML 11Page - NXP Semiconductors TDA3604TH Datasheet HTML 12Page - NXP Semiconductors TDA3604TH Datasheet HTML 13Page - NXP Semiconductors TDA3604TH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1997 Aug 21
10
Philips Semiconductors
Product specification
Multiple voltage regulators with external
reset delay and switch
TDA3604Q; TDA3604TH
Ignition buffer
VOL
LOW-level output voltage
IOL = 0
0
0.2
0.8
V
VOH
HIGH-level output voltage
note 5
−
5.0
5.2
V
IOL
LOW-level output current
VOL ≤ 0.8 V
0.3
0.8
−
mA
IOH
HIGH-level output current
VOH ≥ 3 V
0.3
2.0
−
mA
Regulator 1; note 6
VREG1
output voltage off
−
1
400
mV
VREG1
output voltage
0.5 mA
≤ IREG1 ≤ 300 mA
8.65
9.0
9.35
V
10 V
≤ VP ≤ 18 V
8.65
9.0
9.35
V
∆V
REG1
line regulation
10 V
≤ VP ≤ 18 V
−−
50
mV
∆V
REGL1
load regulation
0.5 mA
≤ IREG1 ≤ 300 mA
−−
70
mV
SVRR1
supply voltage ripple rejection
fi = 200 Hz; VI = 2 V (p-p)
60
−−
dB
VREGd1
drop-out voltage
IREG1 = 300 mA; note 7
−
0.4
0.5
V
IREGm1
current limit
VREG1 > 7 V; note 8
0.45
−
1.2
A
IREGsc1
short-circuit current
RL ≤ 0.5 Ω; note 9
50
300
−
mA
α
ct
cross talk
note 10
−
50
−
dB
Regulator 2; note 11
VREG2
output voltage
0.5 mA
≤ IREG2 ≤ 50 mA
4.8
5.0
5.2
V
7V
≤ V
P ≤ 18 V
4.8
5.0
5.2
V
18 V
≤ V
P ≤ 50 V
4.75
5.0
5.25
V
∆V
REG2
line regulation
7 V
≤ VP ≤ 18 V
−−
50
mV
∆V
REGL2
load regulation
0.5 mA
≤ IREG1 ≤ 30 mA
−−
50
mV
SVRR2
supply voltage ripple rejection
fi = 200 Hz; VI = 2 V (p-p)
60
−−
dB
VREGd2
drop-out voltage
IREG2 = 30 mA; note 12
−
0.3
0.4
V
IREGm2
current limit
VREG2 > 4.5 V; note 8
0.1
−
0.5
A
IREGsc2
short-circuit current
RL ≤ 0.5 Ω; note 9
20
50
−
mA
α
ct
cross talk
note 13
−
50
−
dB
Power switch
Vswd
drop-out voltage
Isw = 0.5 A; note 14
−
0.8
1.4
V
Iswcc
continuous current
0.5
−−
A
Vswcl
clamping voltage
VP ≥ 16.9 V
−
15.0
16.2
V
IswM
peak current
t
≤ 10 ms
1.4
−−
A
Vswfb
fly back voltage behaviour
Isw = −200 mA; VP =9V
−−
20
V
Ilim(sw)
current limit
VP = 14.4 V; Vsw < 1.5 V;
note 8
0.6
0.9
−
A
Reset delay
IO
output current
−
3
−µA
Vthr
rising threshold voltage
2.7
3.0
3.3
V
td
delay time
CI = 47 nF; note 15
25
50
100
ms
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com