Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3N60L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3N60L-S08-R
Description  3.0A, 600V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N60L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  3N60L-S08-R Datasheet HTML 1Page - Unisonic Technologies 3N60L-S08-R Datasheet HTML 2Page - Unisonic Technologies 3N60L-S08-R Datasheet HTML 3Page - Unisonic Technologies 3N60L-S08-R Datasheet HTML 4Page - Unisonic Technologies 3N60L-S08-R Datasheet HTML 5Page - Unisonic Technologies 3N60L-S08-R Datasheet HTML 6Page - Unisonic Technologies 3N60L-S08-R Datasheet HTML 7Page - Unisonic Technologies 3N60L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3N60-LC
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R205-747.C
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250μA
600
V
Drain-Source Leakage Current
IDSS
VDS=600V, VGS=0V
10
μA
Gate- Source Leakage Current
Forward
IGSS
VGS=30V, VDS=0V
100
nA
Reverse
VGS=-30V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS,ID=250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=1.5A
3.0
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1.0MHz
446
pF
Output Capacitance
COSS
46
pF
Reverse Transfer Capacitance
CRSS
4.5
pF
SWITCHING CHARACTERISTICS
Total Gate Charge (Note 1)
QG
VDS=100V, VGS=10V, ID=2.0A
IG=1mA (Note 1, 2)
15.2
nC
Gate-Source Charge
QGS
5.4
nC
Gate-Drain Charge
QGD
1.8
nC
Turn-On Delay Time (Note 1)
tD(ON)
VDS=30V, VGS=10V, ID=0.5A,
RG=25Ω (Note 1, 2)
6.4
ns
Turn-On Rise Time
tR
16.7
ns
Turn-Off Delay Time
tD(OFF)
39
ns
Turn-Off Fall Time
tF
27
ns
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Maximum Continuous Drain-Source Diode
Forward Current
IS
3
A
Maximum Pulsed Drain-Source Diode Forward
Current
ISM
6
A
Drain-Source Diode Forward Voltage (Note 1)
VSD
IS=3.0A , VGS=0V
1.4
V
Reverse Recovery Time (Note 1)
trr
IS=3.0A , VGS=0V
di/dt=100A/μs
220
ns
Reverse Recovery Charge
Qrr
3
μC
Notes: 1. Pulse Test: Pulse width ≤ 300μs, Duty cycle ≤ 2%.
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com