Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3N60L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3N60L-S08-R
Description  3.0A, 600V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N60L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3N60L-S08-R Datasheet HTML 1Page - Unisonic Technologies 3N60L-S08-R Datasheet HTML 2Page - Unisonic Technologies 3N60L-S08-R Datasheet HTML 3Page - Unisonic Technologies 3N60L-S08-R Datasheet HTML 4Page - Unisonic Technologies 3N60L-S08-R Datasheet HTML 5Page - Unisonic Technologies 3N60L-S08-R Datasheet HTML 6Page - Unisonic Technologies 3N60L-S08-R Datasheet HTML 7Page - Unisonic Technologies 3N60L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3N60-LC
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2024 Unisonic Technologies Co., Ltd
QW-R205-747.C
3.0A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 3N60-LC is a high voltage power MOSFET designed
to have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and high rugged avalanche
characteristics. This power MOSFET is usually used in high speed
switching applications of switching power supplies and adaptors.
FEATURES
* RDS(ON) ≤ 3.0 Ω @ VGS=10V, ID=1.5A
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
3N60L-TM3-T
3N60G-TM3-T
TO-251
G D
S
-
-
-
-
-
Tube
3N60L-TN3-R
3N60G-TN3-R
TO-252
G D
S
-
-
-
-
- Tape Reel
3N60L-S08-R
3N60G-S08-R
SOP-8
S
S
S G D D D
D Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING
TO-251 / TO-252
SOP-8


Similar Part No. - 3N60L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60L-A-TA3-T UTC-3N60L-A-TA3-T Datasheet
162Kb / 8P
3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N60L-B-TA3-T UTC-3N60L-B-TA3-T Datasheet
162Kb / 8P
3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N60L-TA3-T UTC-3N60L-TA3-T Datasheet
388Kb / 8P
3A, 600V N-CHANNEL POWER MOSFET
3N60L-TA3-T UTC-3N60L-TA3-T Datasheet
388Kb / 8P
3A, 600V N-CHANNEL POWER MOSFET
3N60L-TA3-T UTC-3N60L-TA3-T Datasheet
399Kb / 9P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - 3N60L-S08-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
600V N-Channel Power MOSFET
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
600V N-Channel Power MOSFET
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N60 DYELEC-6N60 Datasheet
1Mb / 8P
600V N-Channel Power MOSFET
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
10N60 DYELEC-10N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com