Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AVC4T245L-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74AVC4T245L-S16-R
Description  4 BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AVC4T245L-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74AVC4T245L-S16-R Datasheet HTML 1Page - Unisonic Technologies U74AVC4T245L-S16-R Datasheet HTML 2Page - Unisonic Technologies U74AVC4T245L-S16-R Datasheet HTML 3Page - Unisonic Technologies U74AVC4T245L-S16-R Datasheet HTML 4Page - Unisonic Technologies U74AVC4T245L-S16-R Datasheet HTML 5Page - Unisonic Technologies U74AVC4T245L-S16-R Datasheet HTML 6Page - Unisonic Technologies U74AVC4T245L-S16-R Datasheet HTML 7Page - Unisonic Technologies U74AVC4T245L-S16-R Datasheet HTML 8Page - Unisonic Technologies U74AVC4T245L-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
U74AVC4T245
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 16
www.unisonic.com.tw
QW-R126-075.D
ABSOLUTE MAXIMUM RATING (TA=25°С, unless otherwise specified) (Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Supply Voltage
VCCA, VCCB
-0.5 ~ 4.6
V
Input Voltage (Note 2)
VIN
I/O ports (A port)
-0.5 ~ 4.6
V
I/O ports (B port)
-0.5 ~ 4.6
V
Control inputs
-0.5 ~ 4.6
V
Voltage range applied to any
output in the high-impedance or
power-off state (Note 2)
VOUT
A port
-0.5 ~ 4.6
V
B port
-0.5 ~ 4.6
V
Voltage range applied to any
output in the high or low state
(Note 2, 3)
VOUT
A port
-0.5 ~ VCCA+0.5
V
B port
-0.5 ~ VCCB+0.5
V
Continuous Output Current
IOUT
±50
mA
Continuous Current Through
VCCA, VCCB or GND
ICC
±100
mA
Input Clamp Current
IIK
VIN<0
-50
mA
Output Clamp Current
IOK
VOUT<0
-50
mA
Storage Temperature Range
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input voltage and output negative-voltage ratings may be exceeded if the input and output current
ratings are observed.
3. The output positive-voltage rating may be exceeded up to 4.6V maximum if the output current rating is
observed.
RECOMMENDED OPERATING CONDITIONS (TA=25°C , unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCCA, VCCB
1.2
3.6
V
Input Voltage
VIN
0
3.6
V
Output Voltage
VOUT
Active state
0
VCC
V
3-state
0
3.6
Input Transition Rise or Fall Rate
Δt/Δv
5
ns/V
Operating Temperature (Note)
TA
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com