Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AVC4T245L-S16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74AVC4T245L-S16-R
Description  4 BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AVC4T245L-S16-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button U74AVC4T245L-S16-R Datasheet HTML 2Page - Unisonic Technologies U74AVC4T245L-S16-R Datasheet HTML 3Page - Unisonic Technologies U74AVC4T245L-S16-R Datasheet HTML 4Page - Unisonic Technologies U74AVC4T245L-S16-R Datasheet HTML 5Page - Unisonic Technologies U74AVC4T245L-S16-R Datasheet HTML 6Page - Unisonic Technologies U74AVC4T245L-S16-R Datasheet HTML 7Page - Unisonic Technologies U74AVC4T245L-S16-R Datasheet HTML 8Page - Unisonic Technologies U74AVC4T245L-S16-R Datasheet HTML 9Page - Unisonic Technologies U74AVC4T245L-S16-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
U74AVC4T245
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 16
www.unisonic.com.tw
QW-R126-075.D
ELECTRICAL CHARACTERISTICS (Note 1, 2, 3)
PARAMETER
SYMBOL
TEST CONDITIONS
TA=25°С
TA=-40~+125°С
UNIT
MIN TYP MAX MIN TYP MAX
High-level
input voltage
Data inputs
(Note 4)
VIH
VCCI=1.2V~1.95V
VCCI×
0.65
VCCI×
0.65
V
VCCI=1.95V~2.7V
1.6
1.6
V
VCCI=2.7V~3.6V
2
2
V
DIR
(Referenced
to VCCA)
(Note 5)
VCCI=1.2V~1.95V
VCCA
×
0.65
VCCA
×
0.65
V
VCCI=1.95V~2.7V
1.6
1.6
V
VCCI=2.7V~3.6V
2
2
V
Low-lever
output voltage
Data inputs
(Note 4)
VIL
VCCI=1.2V~1.95V
VCCI×
0.35
VCCI×
0.35
V
VCCI=1.95V~2.7V
0.7
0.7
V
VCCI=2.7V~3.6V
0.8
0.8
V
DIR
(Referenced
to VCCA)
(Note 5)
VCCI=1.2V~1.95V
VCCA
×
0.35
VCCA
×
0.35
V
VCCI=1.95V~2.7V
0.7
0.7
V
VCCI=2.7V~3.6V
0.8
0.8
V
High-Level Output Voltage
VOH
VCCA=VCCB=1.2V~3.6V
IOH=-100μA, VI=VIH
VCC-
0.2
VCC-
0.1
V
VCCA=VCCB=1.2V
IOH=-3mA, VI=VIH
0.95
0.65
V
VCCA=VCCB=1.4V
IOH=-6mA, VI=VIH
1.05
0.75
V
VCCA=VCCB=1.65V
IOH=-8mA, VI=VIH
1.2
0.9
V
VCCA=VCCB=2.3V
IOH=-9mA, VI=VIH
1.75
1.45
V
VCCA=VCCB=3.0V
IOH=-12mA, VI=VIH
2.3
2.0
V
Low-Level Output Voltage
VOL
VCCA=VCCB=1.2V~3.6V
IOL=100μA, VI=VIL
0.2
0.1
V
VCCA=VCCB=1.2V
IOL=3mA, VI=VIL
0.25
0.5
V
VCCA=VCCB=1.4V
IOL=6mA, VI=VIL
0.35
0.6
V
VCCA=VCCB=1.65V
IOL=8mA, VI=VIL
0.45
0.7
V
VCCA=VCCB=2.3V
IOL=9mA, VI=VIL
0.55
0.8
V
VCCA=VCCB=3.0V
IOL=12mA, VI=VIL
0.7
0.95
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com