Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74CB3Q3305L-P08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74CB3Q3305L-P08-R
Description  DUAL FET BUS SWITCH 2.5V OR 3.3V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CB3Q3305L-P08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74CB3Q3305L-P08-R Datasheet HTML 1Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 2Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 3Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 4Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 5Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 6Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
U74CB3Q3305
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-D261.a
ELECTRICAL CHARACTERISTICS (Cont.)
Over recommended operating free-air temperature range (Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ON Output Capacitance
CIO(ON)
VCC=3.3V, Switch ON, VIN=VCC or GND,
VI/O=5.5V, 3.3V, 0
8.0
10.5
pF
Static Drain-Source
On-State Resistance
(Note 6)
RDS(ON)
VCC=3.3V, TYP
at VCC=2.5V
VIN=0, IO=30mA
3.5
8.0
Ω
VIN=1.7V, IO=-15mA
4
9.0
Ω
VCC=3.0V
VIN=0, IO=30mA
3.5
6.0
Ω
VIN=2.4V, IO=-15mA
4
8.0
Ω
Notes: 1. VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
2. All typical values are at VCC=3.3V (unless otherwise noted), TA=25°C.
3. For I/O ports, the parameter IOZ includes the input leakage current.
4. This is the increase in supply current for each input that is at the specified TTL voltage level, rather than
VCC or GND.
5. This parameter specifies the dynamic power-supply current associated with the operating frequency of a
single control input.
6. Measured by the voltage drop between the A and B terminals at the indicated current through the switch.
ON-state resistance is determined by the lower of the voltages of the two (A or B) terminals.
DYNAMIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
TA=25°C
TA=-40°C~+125°C
UNIT
MIN TYP MAX MIN TYP MAX
From Input (OE) to Output
(A or B) (Note 1)
fOE
VCC=2.5V±0.2V
10
10
MHz
VCC=3.3V±0.3V
20
20
MHz
Propagation Delay Time,
From Input (A or B) to
Output (B or A) (Note 2)
tPD
(tPLH/tPHL)
CL=30pF
VCC=2.5V±0.2V
0.2
0.6
ns
CL=50pF
VCC=3.3V±0.3V
0.2
0.6
ns
Enable Delay Time,
From Input (OE) to Output
(A or B)
ten
(tPZL/tPZH)
VCC=2.5V±0.2V
1
12
1
13
ns
VCC=3.3V±0.3V
1
6.5
1
7.5
ns
Disable Delay Time,
From Input (OE) to Output
(A or B)
tdis
(tPLZ/tPHZ)
VCC=2.5V±0.2V
1
6
1
7.5
ns
VCC=3.3V±0.3V
1
5.5
1
7
ns
Notes: 1. Maximum switching frequency for control input (VO > VCC, VI = 5V, RL ≧ 1MΩ, CL = 0).
2. The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch
and the specified load capacitance, when driven by an ideal voltage source (zero output impedance).
OPERATING CHARACTERISTIC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Power Dissipation
Capacitance
CPD
No load
32
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com