Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74CB3Q3305L-P08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74CB3Q3305L-P08-R
Description  DUAL FET BUS SWITCH 2.5V OR 3.3V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CB3Q3305L-P08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  U74CB3Q3305L-P08-R Datasheet HTML 1Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 2Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 3Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 4Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 5Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 6Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
U74CB3Q3305
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-D261.a
TEST CIRCUIT AND WAVEFORMS
Note: CL includes probe and jig capacitance.
TEST
VCC
S1
RL
VIN
CL
V△
tPD
(tPLH/tPHL)
2.5V±0.2V
Open
500Ω
VCC or GND
30pF
3.3V±0.3V
Open
500Ω
VCC or GND
50pF
ten
(tPZL/tPZH)
2.5V±0.2V
2×VCC
500Ω
GND
30pF
0.15V
3.3V±0.3V
2×VCC
500Ω
GND
50pF
0.3V
tdis
(tPLZ/tPHZ)
2.5V±0.2V
GND
500Ω
VCC
30pF
0.15V
3.3V±0.3V
GND
500Ω
VCC
50pF
0.3V
VM
VM
VM
VM
VIN
0V
VOH
VOL
PROPAGATION DELAY TIMES
VM
VM
VIN
0V
VM
VOL+VΔ
VM
VOH-VΔ
0V
VOH
VLOAD/2
VOL
ENABLE AND DISABLE TIMES
Input
Output
Output
Output
Input
tPLH
tPHL
tPZL
tPLZ
tPZH
tPHZ
Notes: 1. CL includes probe and test-fixture capacitance
2. All input pulses are supplied by generators having the following characteristics: PRR ≤10MHz, ZO= 50Ω,
tr<2.5ns, tf<2.5ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com