Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83PR10LF Datasheet(PDF) 2 Page - Bi technologies

Part # 83PR10LF
Description  1/4 Single Turn Surface Mount Cermet Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

83PR10LF Datasheet(HTML) 2 Page - Bi technologies

  83PR10LF Datasheet HTML 1Page - Bi technologies 83PR10LF Datasheet HTML 2Page - Bi technologies 83PR10LF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TOP ADJUSTMENT (Inch/mm)
.110
± .005
2.79
± 0.13
.025
± .005
0.64
± 0.13
.035
± .005
0.89
± 0.13
Long X
.017
± .003
0.43
± 0.08
Terminal Pins
(3) Solderable
Dia.
Electrical Adjustment
Wide X
Deep Slot
Metal Housing
.250
± .015
6.35
± 0.38
Dia.
.180
4.57
.040
1.02
.160
4.06
.100
2.54
.160
4.06
.100
2.54
.100
2.54
.100
2.54
.340
8.64
.040
1.02
Typ.
Recommended Solder Pad Layout
(3)
(1)
(2)
.100
2.54
(3)
(1)
(2)
Model 83P
SIDE ADJUSTMENT (Inch/mm)
Recommended Solder Pad Layout
.185
± .005
4.69
± 0.13
.270
± .005
6.86
± 0.13
.015
0.38
.355
± .005
9.02
± 0.13
.071
± .005
1.80
± 0.13
.071
± .005
1.80
± 0.13
.210
5.30
.060
1.52
Typ.
.030
0.76
Max.
Max.
.240
6.10
Typ.
.040
1.02
(2)
(3)
(1)
Typ.
.071
1.80
.071
1.80
.017
± .003
0.43
± 0.08
Dia. Solderable
Lead (3)
(1)
(2)
(3)
.110
± .005
2.79
± 0.13
.025
± .005
0.64
± 0.13
.035
± .005
0.89
± .013
Long X
Electrical Adjustment
Plastic Case
Metal Housing
Standard Marking
This Surface
Wide X
Deep Slot
Model 83Y
Model 83
1-70
STANDARD RESISTANCE VALUES, OHMS
10
100
1K
10K
50K
250K
20
200
2K
20K
100K
500K
50
500
5K
25K
200K
1Meg



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com