Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83PR10LF Datasheet(PDF) 3 Page - Bi technologies

Part # 83PR10LF
Description  1/4 Single Turn Surface Mount Cermet Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

83PR10LF Datasheet(HTML) 3 Page - Bi technologies

  83PR10LF Datasheet HTML 1Page - Bi technologies 83PR10LF Datasheet HTML 2Page - Bi technologies 83PR10LF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
1-71
Model 83
CIRCUIT DIAGRAM
(1)
(2)
(3)
CW
NOTES
mm
INCH
Metric equivalents, based on 1 inch = 25.4mm are
rounded to the same number of significant figures
as in the original English units and are provided for
general information only.
Tolerances unless otherwise specified:
Linear = ± .01 inches (.25mm)
Angular = ± 2 degrees
PACKAGING
ORDERING INFORMATION
83 P R 10K LF
Model Series
Pin Style
RoHS Compliant Product Code - Optional
Resistance Value
Resistance Prefix
83 P R 10K LF XX
Pin Style
Packaging Option:
TB = Tubes (83Y only)
TR = Tape & Reel (83P only)
RoHS Compliant Product Code - Optional
Standard:
Options:
Standard: Boxes
Capacity
=
100 Units
Option:
Tubes (83Y only)
All units oriented with #1 pin to same side.
Magazine:
Width
=
0.30”
Height
=
0.35”
Length
=
19.1”
Capacity
=
50 Units
Option:
Embossed Tape & Reel (83P only)
All units oriented with #1 pin to the right of the direction of feed.
Tape:
Width
=
16 mm
Sprocket
=
4 mm pitch
Capacity
=
1,000 Units
Reel:
Diameter
=
14” (356 mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com