Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686B Datasheet(PDF) 86 Page - Analog Devices

Part # LTM4686B
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686B Datasheet(HTML) 86 Page - Analog Devices

Back Button LTM4686B Datasheet HTML 82Page - Analog Devices LTM4686B Datasheet HTML 83Page - Analog Devices LTM4686B Datasheet HTML 84Page - Analog Devices LTM4686B Datasheet HTML 85Page - Analog Devices LTM4686B Datasheet HTML 86Page - Analog Devices LTM4686B Datasheet HTML 87Page - Analog Devices LTM4686B Datasheet HTML 88Page - Analog Devices LTM4686B Datasheet HTML 89Page - Analog Devices LTM4686B Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 130 page
background image
LTM4682
86
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS
PWM CONFIGURATION
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
MFR_PWM_COMP
0xD3
PWM loop compensation configuration.
R/W Byte
Y
Reg
Y
0x76
MFR_PWM_MODE
0xD4
Configuration for the PWM engine.
R/W Byte
Y
Reg
Y
0xC7
MFR_PWM_CONFIG
0xF5
Set numerous parameters for the DC/DC controller,
including phasing.
R/W Byte
N
Reg
Y
0x10
FREQUENCY_SWITCH
0x33
Switching frequency of the controller.
R/W
Word
N
L11
kHz
Y
575
0x023F
MFR_PWM_MODE
The MFR_PWM_MODE command sets important PWM controls for each channel.
The MFR_PWM_MODE command allows the user to program the PWM controller to use discontinuous (pulse-skipping
mode), or forced continuous conduction mode.
BIT
MEANING
7
0b
1b
Use a high range of ILIMIT.
Low current range.
High current range.
6
Enable servo mode
5
External temperature sense:
0: ∆VBE measurement.
Now reserved, ∆VBE only supported.
4
Page 0 Only: Use of TSNS1a-Sensed Temperature Telemetry.
0 – Temperature sensed through TSNS1a is used to temperature-correct the current-sense information digitized by Channel 1’s current-sense
input, ISNS1a+/ISNS1a–.
1 – Temperature sensed through TSNS0a is used to temperature-correct the current-sense information digitized by Channel 1’s current-sense
input, ISNS1a+/ISNS1a–. Telemetry obtained from the thermal sensor connected to TSNS1a can be external to the module, if desired.
3
Reserved
2
Reserved
1
1b
0b
VOUT range.
The maximum output voltage is 2.75V.
The maximum output voltage is 3.6V, which is not needed.
Bit[0]
0b
1b
Mode.
Discontinuous.
Forced continuous.
Bit [7] of this command determines if the part is in a high range or low range of the IOUT_OC_FAULT_LIMIT command.
Changing this bit value changes the PWM loop gain and compensation. This bit value should not be changed when the
channel output is active. Writing this bit when the channel is active will generate a CML fault.
Bit [6] The LTM4682 will not servo while the part is OFF, ramping on or ramping off. When set to one, the output servo
is enabled. The output set point DAC will be slowly adjusted to minimize the difference between the READ_VOUT_ADC
and the VOUT_COMMAND (or the appropriate margined value).
The LTM4682 computes temperature in °C from ∆VBE measured by the ADC at the TSNSn pin as
T = (G • ∆VBE • q/(K • ln(16))) – 273.15 + O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com