Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM1109BV Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EM1109BV
Description  1A Low Dropout and Adjustable Mode Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM1109BV Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EM1109BV Datasheet HTML 1Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 2Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 3Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 4Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 5Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 6Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 7Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 8Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
EM1109BV
2020/12/30
A.1
4
Absolute Maximum Ratings (Note1)
 V
IN
---------------------------------------------------------------------------------------------------
-0.3V to +6.0V
 Other Pins
------------------------------------------------------------------------------------------
6V
 Power Dissipation, PD @ TA = 25
C, DFN3X3-8L ----------------------------------------------- 1.7W
 Package Thermal Resistance,
θJA, DFN3X3-08L (Note 2) --------------------------------------
70
C/W
 Package Thermal Resistance,
θJC, DFN3X3-08L (Note 2) --------------------------------------
5
C/W
 Junction Temperature
-------------------------------------------------------------------------------
150
C
 Lead Temperature (Soldering, 10 sec.)
-----------------------------------------------------------
260°C
Storage Temperature Range --------------------------------------------------------------------
-65°C to 150°C
 ESD susceptibility (Note3)
HBM (Human Body Mode) ----------------------------------------------------------------------
2KV
MM (Machine Mode) -----------------------------------------------------------------------------
200V
CDM (Charge Device Mode) ---------------------------------------------------------------------
1KV
Recommended Operating Conditions (Note4)
 Supply Input Voltage, V
IN
--------------------------------------------------------------------------- +2.5 to +5.5V
 Junction Temperature
------------------------------------------------------------------------------- 40C to 125C
 Ambient Temperature
------------------------------------------------------------------------------- 40C to 85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com