Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM1109BV Datasheet(PDF) 10 Page - Excelliance MOS Corp.

Part # EM1109BV
Description  1A Low Dropout and Adjustable Mode Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM1109BV Datasheet(HTML) 10 Page - Excelliance MOS Corp.

Back Button EM1109BV Datasheet HTML 6Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 7Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 8Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 9Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 10Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 11Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 12Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 13Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 14Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EM1109BV
2020/12/30
A.1
10
Typical Operating Characteristics
Power On Form Enable
Power Off Form Enable
CH1:VIN, CH2:VEN, CH2:VOUT, CH4:IOUT
CH1:VIN, CH2:VEN, CH2:VOUT, CH4:IOUT
VIN=3.3V, VEN=3.3V, VOUT=2.5V, IOUT=500mA
VIN=3.3V, VEN=3.3V, VOUT=2.5V, IOUT=500mA
Line Transient Response (VOUT=1.2V)
Line Transient Response (VOUT=2.5V)
CH1:VIN, CH3:VOUT
CH1:VIN, CH3:VOUT
VIN=2.5~5.5V, IOUT=500mA
VIN=2.5~5.5V, IOUT=500mA
Line Transient Response (VOUT=3.3V)
Load Transient Response (VOUT=1.2V)
CH1:VIN, CH3:VOUT
CH1:VOUT, CH4:IOUT
VIN=2.5~5.5V, IOUT=500mA
VIN=2.5V, IOUT=10mA~500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com