Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-33 Datasheet(PDF) 30 Page - Power Integrations, Inc.

Part # EPR-33
Description  Engineering Prototype Report for EP 33 - 45 W LCD Monitor External Power Supply using TOP247Y (TOPSwitch-GX)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-33 Datasheet(HTML) 30 Page - Power Integrations, Inc.

Back Button EPR-33 Datasheet HTML 24Page - Power Integrations, Inc. EPR-33 Datasheet HTML 25Page - Power Integrations, Inc. EPR-33 Datasheet HTML 26Page - Power Integrations, Inc. EPR-33 Datasheet HTML 27Page - Power Integrations, Inc. EPR-33 Datasheet HTML 28Page - Power Integrations, Inc. EPR-33 Datasheet HTML 29Page - Power Integrations, Inc. EPR-33 Datasheet HTML 30Page - Power Integrations, Inc. EPR-33 Datasheet HTML 31Page - Power Integrations, Inc. EPR-33 Datasheet HTML 32Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
EPR-33 – 45 W External Adapter Supply
28-Mar-2003
Page 30 of 32
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
15
Appendix
15.1
Input Cable Bill of Materials
EP-33 Input Assy Rev.2, 11/18/02
Bill Of Materials
Item
Qty
Reference
Description
P/N
Manufacturer
1
1
J1
Input Receptacle
701W-X2/02
Qualtek
2
A/R
Wire, 18 AWG, UL 1007, Black, 0.08” dia
3
A/R
Wire, 18 AWG, UL 1007, White, 0.08” dia.
4
A/R
Wire, 18 AWG, UL 1007, Grn/Yel, 0.08” dia
5
1
L5
Ferrite Bead
2643006302
Fair-Rite
6
3
Board-in Terminal
02-07-2102
Molex
7
A/R
Heat Shrink
FIT221V-3/16
Alpha
3/16”, UL VW-1
8
A/R
Heat Shrink, FIT221V-1/2
Alpha
15.2
Input Cable Assembly
1) Cut 1 each 2” length items [2] and [3]. Strip 0.25” each end
2) Crimp 1 piece item [6] on one end of each wire.
3) Cut one 12 “ piece item [4]
4) Center 1 piece item [5] on item [4] cut length, wind 3 turns item [4] on item [5].
5) Trim one end item [4]. [5] assembly to 1.5”, other end to 4”. Strip both ends 0.25”.
6) Crimp one piece item [6] on 4” end of item [4], [5] assembly.
7) Cut 3/4” length item [8], slide over item [4], [5] assembly so that it is centered on item
[5], shrink in place.
8) Solder remaining stripped ends of wires to receptacle [1] as shown, insulate each
connection using 0.5” item [7].
[3]
[1]
[2]
[5], [8]
[6]
(3 places)
[4]
[7]
(3 places)
L
E
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com