Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-33 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # EPR-33
Description  Engineering Prototype Report for EP 33 - 45 W LCD Monitor External Power Supply using TOP247Y (TOPSwitch-GX)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-33 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  EPR-33 Datasheet HTML 1Page - Power Integrations, Inc. EPR-33 Datasheet HTML 2Page - Power Integrations, Inc. EPR-33 Datasheet HTML 3Page - Power Integrations, Inc. EPR-33 Datasheet HTML 4Page - Power Integrations, Inc. EPR-33 Datasheet HTML 5Page - Power Integrations, Inc. EPR-33 Datasheet HTML 6Page - Power Integrations, Inc. EPR-33 Datasheet HTML 7Page - Power Integrations, Inc. EPR-33 Datasheet HTML 8Page - Power Integrations, Inc. EPR-33 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
EPR-33 – 45 W External Adapter Supply
28-Mar-2003
Page 2 of 32
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction ........................................................................................................................... 4
2
Power Supply Specification................................................................................................... 5
3
Schematic ............................................................................................................................. 6
4
Circuit Description ................................................................................................................. 7
4.1
Input EMI Filtering ......................................................................................................... 7
4.2
TOPSwitch-GX Primary................................................................................................. 7
4.3
Output Rectification ....................................................................................................... 7
4.4
Output Feedback........................................................................................................... 7
5
PCB Layout........................................................................................................................... 9
6
Bill Of Materials................................................................................................................... 10
7
Transformer Specification ................................................................................................... 11
7.1
Electrical Specifications............................................................................................... 11
7.2
Materials...................................................................................................................... 11
7.3
Transformer Build Diagram.......................................................................................... 12
7.4
Transformer Construction ............................................................................................ 12
7.5
Transformer Sources................................................................................................... 12
8
Transformer Spreadsheet ................................................................................................... 13
9
Performance Data ............................................................................................................... 15
9.1
Efficiency..................................................................................................................... 15
9.2
No-load Input Power.................................................................................................... 16
9.3
Input Power at 0.5 W Load .......................................................................................... 16
9.4
Regulation ................................................................................................................... 17
9.4.1
Load .................................................................................................................... 17
9.4.2
Line ..................................................................................................................... 17
10
Thermal Performance...................................................................................................... 18
11
Waveforms...................................................................................................................... 19
11.1
Drain Voltage and Current, Normal Operation ............................................................. 19
11.2
Output Voltage Start-up Profile.................................................................................... 20
11.3
Drain Voltage and Current Start-up Profile .................................................................. 21
11.4
Load Transient Response (75% to 100% Load Step) .................................................. 22
11.5
Output Ripple Measurements ...................................................................................... 23
11.5.1
Ripple Measurement Technique .......................................................................... 23
11.5.2
Measurement Results.......................................................................................... 24
12
Control Loop Measurements ........................................................................................... 25
12.1
115 VAC Maximum Load............................................................................................. 25
12.2
230 VAC Maximum Load............................................................................................. 26
13
Conducted EMI ............................................................................................................... 27
14
AC Surge and 100 kHz Ring Wave Immunity .................................................................. 28
14.1 Common Mode Surge, 1.2/50
µsec................................................................................. 28
14.2
Differential Mode Surge, 1.2/50
µsec........................................................................... 28
14.3
Common Mode, 100 kHz Ring Wave........................................................................... 29
14.4
Differential Mode, 100 kHz Ring Wave ........................................................................ 29
15
Appendix ......................................................................................................................... 30
15.1
Input Cable Bill of Materials ......................................................................................... 30
15.2
Input Cable Assembly.................................................................................................. 30
15.3
Heat Sink Assembly .................................................................................................... 31
16
Revision History .............................................................................................................. 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com