Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFP5020A Datasheet(PDF) 1 Page - InterFET Corporation

Part # IFP5020A
Description  P-Channel JFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFP5020A Datasheet(HTML) 1 Page - InterFET Corporation

  IFP5020A Datasheet HTML 1Page - InterFET Corporation IFP5020A Datasheet HTML 2Page - InterFET Corporation IFP5020A Datasheet HTML 3Page - InterFET Corporation IFP5020A Datasheet HTML 4Page - InterFET Corporation IFP5020A Datasheet HTML 5Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Disclaimer: It is the Buyers responsibility for designing, validating and testing the end application under all field use cases and
extreme use conditions. Guaranteeing the application meets required standards, regulatory compliance, and all safety and
security requirements is the responsibility of the Buyer. These resources are subject to change without notice.
IF35083.R00
IFP5020A-B
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
IFP5020A, IFP5020B P-Channel JFET
Ordering Information Custom Part and Binning Options Available
Part Number
Description
Case
Packaging
IFP5020A; IFP5020B
Through-Hole
TO-18
Bulk
PN5020A; PN5020B
Through-Hole
TO-92
Bulk
SMP5020A; SMP5020B
Surface Mount
SOT23
Bulk
SMP5020ATR; SMP5020BTR
7“ Tape and Reel: Max 3,000 Pieces
13” Tape and Reel: Max 9,000 Pieces
SOT23
Minimum 1,000 Pieces
Tape and Reel
IFP5020ACOT; IFP5020BCOT
Chip Orientated Tray (COT Waffle Pack)
COT
400/Waffle Pack
IFP5020ACFT; IFP5020BCFT
Chip Face-up Tray (CFT Waffle Pack)
CFT
400/Waffle Pack
Product Summary
Parameters
IFP5020A Min
IFP5020B Min
Unit
BVGSS
Gate to Source Breakdown Voltage
25
25
V
IDSS
Drain to Source Saturation Current
-0.15
-0.3
mA
VGS(off)
Gate to Source Cutoff Voltage
0.3
0.3
V
GFS
Forward Transconductance
0.5
1
mS
1
2
3
Source
Drain
Gate
SOT23 Top View
Features
• InterFET P0032F Geometry
• Typical Noise: 10 nV/√Hz
• Low Ciss: 3.2pF Typical
• Similar Characteristics to 2N5020,1
• RoHS Compliant
• SMT, TH, and Bare Die Package options.
Applications
• Analog Switches
• Choppers
Description
The 25V InterFET IFP5020A and IFP5020B are
targeted for data switches and low-level chopper
designs. Gate leakages are typically less than 1nA
at room temperatures. The TO-18 package is
hermetically sealed and suitable for military
applications.
TO-18 Bottom View
3
2
1
Drain
Source
Gate/Case
TO-92 Bottom View
Source
Drain
Gate
1
2
3


Similar Part No. - IFP5020A

ManufacturerPart #DatasheetDescription
logo
Level One
IFP-0501 LVL1-IFP-0501 Datasheet
904Kb / 5P
5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 126W
IFP-0502 LVL1-IFP-0502 Datasheet
865Kb / 5P
5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x SC Multi-Mode Fiber, 2km, 126W
IFP-0503 LVL1-IFP-0503 Datasheet
906Kb / 5P
5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x SC Single-Mode Fiber, 30km, 126W
IFP-0504 LVL1-IFP-0504 Datasheet
894Kb / 5P
5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x ST Multi-Mode Fiber, 2km, 126W
IFP-0801 LVL1-IFP-0801 Datasheet
235Kb / 3P
Redundant power inputs with Terminal Block and DC Jack
More results

Similar Description - IFP5020A

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
J270 CALOGIC-J270 Datasheet
22Kb / 2P
P-Channel JFET
logo
Micross Components
J174_TO-92 MICROSS-J174_TO-92 Datasheet
304Kb / 1P
P-CHANNEL JFET
LS5115_TO-18 MICROSS-LS5115_TO-18 Datasheet
309Kb / 1P
P-CHANNEL JFET
LS5116_SOT-23 MICROSS-LS5116_SOT-23 Datasheet
277Kb / 1P
P-CHANNEL JFET
LS5116_TO-18 MICROSS-LS5116_TO-18 Datasheet
283Kb / 1P
P-CHANNEL JFET
LSJ174_TO-18 MICROSS-LSJ174_TO-18 Datasheet
306Kb / 1P
P-CHANNEL JFET
LSJ177_SOT-23 MICROSS-LSJ177_SOT-23 Datasheet
301Kb / 1P
P-CHANNEL JFET
SST5115_SOT-23 MICROSS-SST5115_SOT-23 Datasheet
304Kb / 1P
P-CHANNEL JFET
SST5116_SOT-23 MICROSS-SST5116_SOT-23 Datasheet
277Kb / 1P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N5116 NJSEMI-2N5116 Datasheet
78Kb / 1P
P-CHANNEL JFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com