Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFP5020A Datasheet(PDF) 2 Page - InterFET Corporation

Part # IFP5020A
Description  P-Channel JFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFP5020A Datasheet(HTML) 2 Page - InterFET Corporation

  IFP5020A Datasheet HTML 1Page - InterFET Corporation IFP5020A Datasheet HTML 2Page - InterFET Corporation IFP5020A Datasheet HTML 3Page - InterFET Corporation IFP5020A Datasheet HTML 4Page - InterFET Corporation IFP5020A Datasheet HTML 5Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 of 5
www.InterFET.com
IFP5020A-B
Document Number: IF35083.R00
InterFET Corporation
June, 2019
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
IFP5020A-B
Electrical Characteristics
Static Characteristics (@ TA = 25°C, Unless otherwise specified)
Parameters
Conditions
IFP5020A
IFP5020B
Unit
Min
Max
Min
Max
V(BR)GSS
Gate to Source
Breakdown Voltage
VDS = 0V, IG = -1μA
25
25
V
IGSS
Gate to Source
Reverse Current
VGS = 15V, VDS = 0V
1
1
nA
VGS(OFF)
Gate to Source
Cutoff Voltage
VDS = -15V, ID = 1nA
0.3
1.5
0.3
1.8
V
IDSS
Drain to Source
Saturation Current
VGS = 0V, VDS = -15V
(Pulsed)
-0.15
-1.2
-0.3
-1.2
mA
Maximum Ratings (@ T
A
= 25°C, Unless otherwise specified)
Parameters
Value
Unit
VRGS Reverse Gate Source and Gate Drain Voltage
25
V
IFG
Continuous Forward Gate Current
50
mA
PD
Continuous Device Power Dissipation
500
mW
P
Power Derating
4
mW/°C
TJ
Operating Junction Temperature
-55 to 125
°C
TSTG Storage Temperature
-65 to 200
°C
Dynamic Characteristics (@ TA = 25°C, Unless otherwise specified)
Parameters
Conditions
IFP5020A
IFP5020B
Unit
Min
Max
Min
Max
GFS
Forward
Transconductance
VDS = -15V, VGS = 0V
0.5
3.5
1.0
3.5
mS
GOS
Output Conductance
VDS = -15V, VGS = 0V
20
20
μS
Ciss
Input Capacitance
VDS = -15V, VGS = 0V, f = 1MHz
25
25
pF
Crss
Reverse Transfer
Capacitance
VDS = -15V, VGS = 0V, f = 1MHz
7
7
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com