Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5535E1GL Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD5535E1GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5535E1GL Datasheet(HTML) 2 Page - Leadtrend Technology

  LD5535E1GL Datasheet HTML 1Page - Leadtrend Technology LD5535E1GL Datasheet HTML 2Page - Leadtrend Technology LD5535E1GL Datasheet HTML 3Page - Leadtrend Technology LD5535E1GL Datasheet HTML 4Page - Leadtrend Technology LD5535E1GL Datasheet HTML 5Page - Leadtrend Technology LD5535E1GL Datasheet HTML 6Page - Leadtrend Technology LD5535E1GL Datasheet HTML 7Page - Leadtrend Technology LD5535E1GL Datasheet HTML 8Page - Leadtrend Technology LD5535E1GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LD5535E1/A1
10/05/2017
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5535E1/A1-DS-00 October 2017
Pin Configuration
Ordering Information
Part number
Package
Top Mark
Shipping
LD5535E1 GL
SOT-26
Yt z/ WE1
3000 / tape & reel
LD5535A1 GL
SOT-26
Yt z/ WA1
3000 / tape & reel
The LD5535E1/A1 is ROHS compliant / Green Packaged
Protection Mode
Product Name
Switching
Freq.
OLP
VCC OVP
CS OVP
OSCP
SDSP
OTP Pin
Int. OTP
LD5535E1
65kHz
Auto
recovery
Auto
recovery
Auto
recovery
Auto
recovery
Auto recovery /
4 Cycle
Auto
recovery
Auto
recovery
LD5535A1
65kHz
Auto
recovery
Auto
recovery
Auto
recovery
Auto
recovery
Auto recovery /
4 Cycle
Latch
Auto
recovery
Pin Descriptions
SOT-26
NAME
FUNCTION
1
GND
Ground
2
COMP
Voltage feedback pin (same as the COMP pin in UC384X). Connect a
photo-coupler to close the control loop and achieve the regulation.
3
OTP
Pull this pin below 0.95V to shut down the controller into latch mode until the
AC resumes power-on. Connecting this pin to ground with NTC will achieve
OTP protection. Let this pin float or connect a 100k
 resistor to disable the
latch protection.
4
CS
Current sense pin, connect it to sense the MOSFET current.
5
VCC
Supply voltage pin
6
OUT
Gate drive output to drive the external MOSFET
SOT-26 (TOP VIEW)
Y
: Year code (D: 2004, E: 2005
…..)
W
: Week code
PP
: Production code
tzX1
: LD5535E1 or LD5535A1
1
2
3
4
5
6
GND COMP OTP
OUT
VCC
CS
Yt z
WX1
pp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com