Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5535E1GL Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD5535E1GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5535E1GL Datasheet(HTML) 4 Page - Leadtrend Technology

  LD5535E1GL Datasheet HTML 1Page - Leadtrend Technology LD5535E1GL Datasheet HTML 2Page - Leadtrend Technology LD5535E1GL Datasheet HTML 3Page - Leadtrend Technology LD5535E1GL Datasheet HTML 4Page - Leadtrend Technology LD5535E1GL Datasheet HTML 5Page - Leadtrend Technology LD5535E1GL Datasheet HTML 6Page - Leadtrend Technology LD5535E1GL Datasheet HTML 7Page - Leadtrend Technology LD5535E1GL Datasheet HTML 8Page - Leadtrend Technology LD5535E1GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LD5535E1/A1
10/05/2017
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5535E1/A1-DS-00 October 2017
Absolute Maximum Ratings
Supply Voltage VCC
-0.3V ~ 30V
COMP, CS, OTP
-0.3V ~ 6V
OUT
-0.3V ~ VCC+0.3V
Maximum Junction Temperature
150
C
Storage Temperature Range
-65
C ~ 150C
Package Thermal Resistance (SOT-26,
JA)
200
C/W
Power Dissipation (SOT-26, at Ambient Temperature = 85
C)
200mW
Lead temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model
2.5 KV
ESD Voltage Protection, Machine Model
250 V
Caution:
Stress exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stress above Recommended Operating Conditions may affect
device reliability
Recommended Operating Conditions
Note:
1.
It
’s essential to connect VCC pin with a SMD ceramic capacitor (0.1
F ~ 0.47F) to filter out
the undesired switching noise for stable operation. This capacitor should be placed close to
IC pin as possible
2.
It
’s also essential to connect a capacitor to COMP to filter out the undesired switching noise
for stable operation.
3.
The small signal components should be placed close to IC pin as possible.
Item
Min.
Max.
Unit
Operating Junction Temperature
-40
125
C
Supply VCC Voltage
8.5
26.5
V
VCC Capacitor
3.3
10
F
Start-up resistor Value (AC Side, Half Wave)
540K
2.2M
COMP Pin Capacitor
1
10
nF
CS Pin Capacitor Value
47
390
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com