Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-93 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # EPR-93
Description  Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-93 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button EPR-93 Datasheet HTML 13Page - Power Integrations, Inc. EPR-93 Datasheet HTML 14Page - Power Integrations, Inc. EPR-93 Datasheet HTML 15Page - Power Integrations, Inc. EPR-93 Datasheet HTML 16Page - Power Integrations, Inc. EPR-93 Datasheet HTML 17Page - Power Integrations, Inc. EPR-93 Datasheet HTML 18Page - Power Integrations, Inc. EPR-93 Datasheet HTML 19Page - Power Integrations, Inc. EPR-93 Datasheet HTML 20Page - Power Integrations, Inc. EPR-93 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
22-Jun-2006
EP-93 – 30 V, 1.07 A, 2.7 A (peak), Universal Input Supply
Page 17 of 40
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
ENTER TRANSFORMER CORE/CONSTRUCTION VARIABLES
Core Type
EE25
EE25
User Selected Core Size(Verify
acceptable thermal rise under continuous
load conditions)
Core
EE25
P/N:
PC40EE25-Z
Bobbin
EE25_BOBBIN P/N:
EE25_BOBBIN
AE
0.404 cm^2
Core Effective Cross Sectional Area
LE
7.34 cm
Core Effective Path Length
AL
1420 nH/T^2
Ungapped Core Effective Inductance
BW
10.20 mm
Bobbin Physical Winding Width
M
0.00 mm
Safety Margin Width (Half the Primary to
Secondary Creepage Distance)
L
3
Number of Primary Layers
NS
10
10
Number of Secondary Turns
DC INPUT VOLTAGE PARAMETERS
VMIN
81 Volts
Minimum DC Input Voltage
VMAX
375 Volts
Maximum DC Input Voltage
CURRENT WAVEFORM SHAPE PARAMETERS
DMAX
ON-Time
Extension
0.62
!!! Info. ON-Time Extension feature
invoked. Verify this design for acceptable
electrical and thermal performance on the
bench
IAVG
1.34 Amps
Average Primary Current
IP
2.60 Amps
Minimum Peak Primary Current
IR
1.31 Amps
Primary Ripple Current
IRMS
1.80 Amps
Primary RMS Current
TRANSFORMER PRIMARY DESIGN PARAMETERS
LP
132 uHenries Typical Primary Inductance. +/- 10% to
ensure a minimum primary inductance of
119 uH
LP_TOLERANCE
10.00
10 %
Primary inductance tolerance
NP
39
Primary Winding Number of Turns
ALG
88 nH/T^2
Gapped Core Effective Inductance
Target BM
3000 Gauss
Target Peak Flux Density at Maximum
Current Limit
BM
2523 Gauss
Calculated Maximum Operating Flux
Density, BM < 3000 is recommended
BAC
635 Gauss
AC Flux Density for Core Loss Curves
(0.5 X Peak to Peak)
ur
2053
Relative Permeability of Ungapped Core
LG
0.54 mm
Gap Length (Lg > 0.1 mm)
BWE
30.6 mm
Effective Bobbin Width
OD
0.79 mm
Maximum Primary Wire Diameter
including insulation
INS
0.08 mm
Estimated Total Insulation Thickness
(= 2 * film thickness)
DIA
0.71 mm
Bare conductor diameter
AWG
22 AWG
Primary Wire Gauge (Rounded to next
smaller standard AWG value)
CM
645 Cmils
Bare conductor effective area in circular
mils
CMA
358 Cmils/
Amp
Primary Winding Current Capacity
(100 < CMA < 500)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com