Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-93 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # EPR-93
Description  Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-93 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button EPR-93 Datasheet HTML 17Page - Power Integrations, Inc. EPR-93 Datasheet HTML 18Page - Power Integrations, Inc. EPR-93 Datasheet HTML 19Page - Power Integrations, Inc. EPR-93 Datasheet HTML 20Page - Power Integrations, Inc. EPR-93 Datasheet HTML 21Page - Power Integrations, Inc. EPR-93 Datasheet HTML 22Page - Power Integrations, Inc. EPR-93 Datasheet HTML 23Page - Power Integrations, Inc. EPR-93 Datasheet HTML 24Page - Power Integrations, Inc. EPR-93 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
22-Jun-2006
EP-93 – 30 V, 1.07 A, 2.7 A (peak), Universal Input Supply
Page 21 of 40
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
9.2
No-load Input Power
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
80
100
120
140
160
180
200
220
240
260
280
AC Input Voltage
Figure 7 – Zero Load Input Power vs. Input Line Voltage, Room Temperature, 60 Hz.
9.3
Available Standby Output Power
The chart below shows the available output power vs. line voltage for input power levels
of 1 W and 3 W.
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
80
100
120
140
160
180
200
220
240
260
280
AC Input Voltage
Pin = 1W
Pin = 3W
Figure 8 –- Available Output Power vs. Input Voltage for PIN of 1 W and 3 W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com