Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDR-83 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # RDR-83
Description  Reference Design Report for 1.6 W, Linear Replacement Adapter with 10 kV surge withstand
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

RDR-83 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button RDR-83 Datasheet HTML 13Page - Power Integrations, Inc. RDR-83 Datasheet HTML 14Page - Power Integrations, Inc. RDR-83 Datasheet HTML 15Page - Power Integrations, Inc. RDR-83 Datasheet HTML 16Page - Power Integrations, Inc. RDR-83 Datasheet HTML 17Page - Power Integrations, Inc. RDR-83 Datasheet HTML 18Page - Power Integrations, Inc. RDR-83 Datasheet HTML 19Page - Power Integrations, Inc. RDR-83 Datasheet HTML 20Page - Power Integrations, Inc. RDR-83 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
29-Sept-06
RDR-83 7.7 V, 210 mA Adapter with 10 kV surge withstand
Page 17 of 36
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
ISRMS1
0.470 Amps
Output Winding RMS Current
IRIPPLE1
0.42 Amps
Output Capacitor RMS Ripple Current
PIVS1
44 Volts
Output Rectifier Maximum Peak Inverse Voltage
Recommended Diodes
SB160,
11DQ06
Recommended Diodes for this output
Pre-Load Resistor
3 k-Ohms
Recommended value of pre-load resistor
CMS1
94 Cmils
Output Winding Bare Conductor minimum
circular mils
AWGS1
30 AWG
Wire Gauge (Rounded up to next larger standard
AWG value)
DIAS1
0.26 mm
Minimum Bare Conductor Diameter
ODS1
0.51 mm
Maximum Outside Diameter for Triple Insulated
Wire
2nd output
VO2
Volts
Output Voltage
IO2
Amps
Output DC Current
PO2
0.00 Watts
Output Power
VD2
0.7 Volts
Output Diode Forward Voltage Drop
NS2
1.38
Output Winding Number of Turns
ISRMS2
0.000 Amps
Output Winding RMS Current
IRIPPLE2
0.00 Amps
Output Capacitor RMS Ripple Current
PIVS2
3 Volts
Output Rectifier Maximum Peak Inverse Voltage
Recommended Diode
Recommended Diodes for this output
CMS2
0 Cmils
Output Winding Bare Conductor minimum
circular mils
AWGS2
AWG
Wire Gauge (Rounded up to next larger standard
AWG value)
DIAS2
mm
Minimum Bare Conductor Diameter
ODS2
mm
Maximum Outside Diameter for Triple Insulated
Wire
3rd output
VO3
Volts
Output Voltage
IO3
Amps
Output DC Current
PO3
0.00 Watts
Output Power
VD3
0.7 Volts
Output Diode Forward Voltage Drop
NS3
1.38
Output Winding Number of Turns
ISRMS3
0.000 Amps
Output Winding RMS Current
IRIPPLE3
0.00 Amps
Output Capacitor RMS Ripple Current
PIVS3
3 Volts
Output Rectifier Maximum Peak Inverse Voltage
Recommended Diode
Recommended Diodes for this output
CMS3
0 Cmils
Output Winding Bare Conductor minimum
circular mils
AWGS3
AWG
Wire Gauge (Rounded up to next larger standard
AWG value)
DIAS3
mm
Minimum Bare Conductor Diameter
ODS3
mm
Maximum Outside Diameter for Triple Insulated
Wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com