Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDR-83 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # RDR-83
Description  Reference Design Report for 1.6 W, Linear Replacement Adapter with 10 kV surge withstand
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

RDR-83 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button RDR-83 Datasheet HTML 17Page - Power Integrations, Inc. RDR-83 Datasheet HTML 18Page - Power Integrations, Inc. RDR-83 Datasheet HTML 19Page - Power Integrations, Inc. RDR-83 Datasheet HTML 20Page - Power Integrations, Inc. RDR-83 Datasheet HTML 21Page - Power Integrations, Inc. RDR-83 Datasheet HTML 22Page - Power Integrations, Inc. RDR-83 Datasheet HTML 23Page - Power Integrations, Inc. RDR-83 Datasheet HTML 24Page - Power Integrations, Inc. RDR-83 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
29-Sept-06
RDR-83 7.7 V, 210 mA Adapter with 10 kV surge withstand
Page 21 of 36
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
9.2
No-load Input Power
The supply easily meets the ENERGY STAR / CEC and European no-load power
consumption specifications of 0.5 W and 0.3 W (respectively).
Figure 8
– No Load Input Power vs. Input Line Voltage, Room Temperature, 60 Hz.
9.3
Available Standby Output Power
The supply provides >500 mW of available output power, at an input power of 1 W.
Figure 9
– Available Output Power at 1 Watt Input Power vs. Input Voltage.
0
0.05
0.1
0.15
0.2
0.25
0.3
0
50
100
150
200
250
300
AC Input Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
50
100
150
200
250
300
AC Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com