Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W320FCT70N6F Datasheet(PDF) 17 Page - STMicroelectronics

Part # M28W320FCT70N6F
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCT70N6F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M28W320FCT70N6F Datasheet HTML 13Page - STMicroelectronics M28W320FCT70N6F Datasheet HTML 14Page - STMicroelectronics M28W320FCT70N6F Datasheet HTML 15Page - STMicroelectronics M28W320FCT70N6F Datasheet HTML 16Page - STMicroelectronics M28W320FCT70N6F Datasheet HTML 17Page - STMicroelectronics M28W320FCT70N6F Datasheet HTML 18Page - STMicroelectronics M28W320FCT70N6F Datasheet HTML 19Page - STMicroelectronics M28W320FCT70N6F Datasheet HTML 20Page - STMicroelectronics M28W320FCT70N6F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
M28W320FCT, M28W320FCB
Command interface
17/69
4.3
Read Electronic Signature command
The Read Electronic Signature command reads the Manufacturer and Device Codes and
the Block Locking Status, or the Protection Register.
The Read Electronic Signature command consists of one write cycle, a subsequent read will
output the Manufacturer Code, the Device Code, the Block Lock and Lock-Down Status, or
the Protection and Lock Register. See Table 5, Table 6 and Table 7 for the valid address.
4.4
Read CFI Query command
The Read Query Command is used to read data from the Common Flash Interface (CFI)
Memory Area, allowing programming equipment or applications to automatically match their
interface to the characteristics of the device. One Bus Write cycle is required to issue the
Read Query Command. Once the command is issued subsequent Bus Read operations
read from the Common Flash Interface Memory Area. See Appendix B: Common Flash
Interface (CFI), Table 26, Table 27, Table 28, Table 29, Table 30 and Table 31 for details on
the information contained in the Common Flash Interface memory area.
Table 3.
Command Codes
Hex Code
Command
01h
Block Lock confirm
10h
Program
20h
Erase
2Fh
Block Lock-Down confirm
30h
Double Word Program
40h
Program
50h
Clear Status Register
55h
Reserved
56h
Quadruple Word Program
60h
Block Lock, Block Unlock, Block Lock-Down
70h
Read Status Register
90h
Read Electronic Signature
98h
Read CFI Query
B0h
Program/Erase Suspend
C0h
Protection Register Program
D0h
Program/Erase Resume, Block Unlock confirm
FFh
Read Memory Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com