Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W320FCT70N6F Datasheet(PDF) 29 Page - STMicroelectronics

Part # M28W320FCT70N6F
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCT70N6F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M28W320FCT70N6F Datasheet HTML 25Page - STMicroelectronics M28W320FCT70N6F Datasheet HTML 26Page - STMicroelectronics M28W320FCT70N6F Datasheet HTML 27Page - STMicroelectronics M28W320FCT70N6F Datasheet HTML 28Page - STMicroelectronics M28W320FCT70N6F Datasheet HTML 29Page - STMicroelectronics M28W320FCT70N6F Datasheet HTML 30Page - STMicroelectronics M28W320FCT70N6F Datasheet HTML 31Page - STMicroelectronics M28W320FCT70N6F Datasheet HTML 32Page - STMicroelectronics M28W320FCT70N6F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
M28W320FCT, M28W320FCB
Status Register
29/69
6.3
Erase Status (Bit 5)
The Erase Status bit can be used to identify if the memory has failed to verify that the block
has erased correctly. When the Erase Status bit is High (set to ‘1’), the Program/Erase
Controller has applied the maximum number of pulses to the block and still failed to verify
that the block has erased correctly. The Erase Status bit should be read once the
Program/Erase Controller Status bit is High (Program/Erase Controller inactive).
Once set High, the Erase Status bit can only be reset Low by a Clear Status Register
command or a hardware reset. If set High it should be reset before a new Program or Erase
command is issued, otherwise the new command will appear to fail.
6.4
Program Status (Bit 4)
The Program Status bit is used to identify a Program failure. When the Program Status bit is
High (set to ‘1’), the Program/Erase Controller has applied the maximum number of pulses
to the byte and still failed to verify that it has programmed correctly. The Program Status bit
should be read once the Program/Erase Controller Status bit is High (Program/Erase
Controller inactive).
Once set High, the Program Status bit can only be reset Low by a Clear Status Register
command or a hardware reset. If set High it should be reset before a new command is
issued, otherwise the new command will appear to fail.
6.5
VPP Status (Bit 3)
The VPP Status bit can be used to identify an invalid voltage on the VPP pin during Program
and Erase operations. The VPP pin is only sampled at the beginning of a Program or Erase
operation. Indeterminate results can occur if VPP becomes invalid during an operation.
When the VPP Status bit is Low (set to ‘0’), the voltage on the VPP pin was sampled at a valid
voltage; when the VPP Status bit is High (set to ‘1’), the VPP pin has a voltage that is below
the VPP Lockout Voltage, VPPLK, the memory is protected and Program and Erase
operations cannot be performed.
Once set High, the VPP Status bit can only be reset Low by a Clear Status Register
command or a hardware reset. If set High it should be reset before a new Program or Erase
command is issued, otherwise the new command will appear to fail.
6.6
Program Suspend Status (Bit 2)
The Program Suspend Status bit indicates that a Program operation has been suspended.
When the Program Suspend Status bit is High (set to ‘1’), a Program/Erase Suspend
command has been issued and the memory is waiting for a Program/Erase Resume
command. The Program Suspend Status should only be considered valid when the
Program/Erase Controller Status bit is High (Program/Erase Controller inactive). Bit 2 is set
within 5µs of the Program/Erase Suspend command being issued therefore the memory
may still complete the operation rather than entering the Suspend mode.
When a Program/Erase Resume command is issued the Program Suspend Status bit
returns Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com