Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD807 Datasheet(PDF) 5 Page - Analog Devices

Part # AD807
Description  Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD807 Datasheet(HTML) 5 Page - Analog Devices

  AD807 Datasheet HTML 1Page - Analog Devices AD807 Datasheet HTML 2Page - Analog Devices AD807 Datasheet HTML 3Page - Analog Devices AD807 Datasheet HTML 4Page - Analog Devices AD807 Datasheet HTML 5Page - Analog Devices AD807 Datasheet HTML 6Page - Analog Devices AD807 Datasheet HTML 7Page - Analog Devices AD807 Datasheet HTML 8Page - Analog Devices AD807 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. B
AD807
–5–
Bandwidth
This describes the frequency at which the AD807 attenuates
sinusoidal input jitter by 3 dB.
Peaking
This describes the maximum jitter gain of the AD807 in dB.
Damping Factor,
ζ
Damping factor,
ζ describes the compensation of the second
order PLL. A larger value of
ζ corresponds to more damping
and less peaking in the jitter transfer function.
Acquisition Time
This is the transient time, measured in bit periods, required for
the AD807 to lock onto input data from its free-running state.
Symmetry—Recovered Clock Duty Cycle
Symmetry is calculated as (100
× on time)/period, where on
time equals the time that the clock signal is greater than the
midpoint between its “0” level and its “1” level.
Bit Error Rate vs. Signal-to-Noise Ratio
AD807 Bit Error Rate vs. Signal-to-Noise Ratio performance is
shown in TPC 6. Wideband amplitude noise is summed with
the input data signal as shown in Figure 4. Performance is
shown for input data levels of 5 mV and 10 mV.
VCM
2mV p-p
SCOPE
PROBE
AD807 QUANTIZER
EPITAXX ERM504
VCM
BINARY
OUTPUT
a. Single-Ended Input Application
VCM
1mV p-p
SCOPE
PROBE
AD807 QUANTIZER
AD8015
DIFFERENTIAL
OUTPUT TIA
VCM
BINARY
OUTPUT
+OUT
–OUT
b. Differential Input Application
Figure 3. (a–b) Single-Ended and Differential Input
Applications
+
+
50
50
0.47 F
0.47 F
75
1.0 F
100
GND
5V
+
–
POWER
COMBINER
POWER
COMBINER
PIN
NIN
DIFFERENTIAL
SIGNAL
SOURCE
POWER
SPLITTER
NOISE
SOURCE
FILTER
100MHz
D.U.T.
AD807
Figure 4. Bit Error Rate vs. Signal-to-Noise Ratio
Test: Block Diagram
VBE 0.8V
AVCC2
DIFFERENTIAL
INPUT
CURRENT SOURCES
HEADROOM
0.7V
0.5mA
1mA
0.5mA
AVEE
400
400
a. Quantizer Differential Input Stage
5.9k
1.2V +VBE
AVEE
THRADJ
94.6k
b. Threshold Adjust
150
VEE
SDOUT
150
VCC1
IOH
IOL
c. Signal Detect Output (SDOUT)
450
450
VCC2
DIFFERENTIAL
INPUT
2.5mA
VEE
d. PLL Differential Output Stage—DATAOUT(N),
CLKOUT(N)
Figure 5. (a–d) Simplified Schematics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com