Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD807 Datasheet(PDF) 10 Page - Analog Devices

Part # AD807
Description  Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD807 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD807 Datasheet HTML 4Page - Analog Devices AD807 Datasheet HTML 5Page - Analog Devices AD807 Datasheet HTML 6Page - Analog Devices AD807 Datasheet HTML 7Page - Analog Devices AD807 Datasheet HTML 8Page - Analog Devices AD807 Datasheet HTML 9Page - Analog Devices AD807 Datasheet HTML 10Page - Analog Devices AD807 Datasheet HTML 11Page - Analog Devices AD807 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. B
AD807
–10–
AD807
DATAOUTN
DATAOUTP
VCC2
CLKOUTN
CF1
CF2
VEE
SDOUT
PIN
NIN
AVCC1
THRADJ
AVEE
SDOUT
TP7
R14
50
R15
50
VCC1
CLKOUTP
AVCC2
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
TP5
TP1
TP2
CD
R5 100
R6 100
R10
154
R9
154
C7
R7 100
R8 100
C8
R12
154
R11
154
TP4
R2
100
R1
100
C2 0.1 F
C3 0.1 F
C4 0.1 F
C5 0.1 F
R4
100
R3
100
C2
0.1 F
DATAOUTN
DATAOUTP
CLKOUTN
CLKOUTP
NOTES:
1. ALL CAPACITORS ARE CHIP,
15pF ARE MICA.
2. 150nH ARE SMT
3. C7, C8, C10, C11 ARE 0.1 F
BYPASS CAPACITORS
C1 0.1 F
J1
J2
J3
J4
TP6
R13
THRADJ
C10
C11
C15
0.1 F
C14
0.1 F
R16
301
C12
2.2 F
R17
3.65k
C13
0.1 F
NC
IIN
NC
VBYP
+VS
+OUT
–VS
–OUT
AD8015
1
2
3
4
8
7
6
5
ABB HAFO 1A227
FC HOUSING
0.8A/W, 0.7pF
2.5GHz
0.01 F
0.1 F
NC = NO CONNECT
0.1 F
10 F
15pF
150nH
150nH
15pF
TP3
5V
C9
10 F
50
LINE
50
LINE
Figure 14. Low Cost 155 Mbps Fiber Optic Receiver Schematic
Table I. AD807—AD8015 Fiber Optic Receiver Circuit:
Output Bit Error Rate and Output Jitter vs. Input Power
Average Optical
Input Power
Output Bit
Output Jitter
(dBm)
Error Rate
(ps rms)
–6.4
Loses Lock
–6.5
7.5
× 10–3
–6.6
9.4
× 10–4
–6.7
0
× 10–14
–7.0 to –35.5
0
× 10–14
<40
–36.0
3
× 10–12
<40
–36.5
4.8
× 10–10
–37.0
2.8
× 10–8
–38.0
1.3
× 10–5
–39.0
1.0
× 10–3
–39.2
1.9
× 10–3
–39.3
Loses Lock
APPLICATIONS
Low Cost 155 Mbps Fiber Optic Receiver
The AD807 and AD8015 can be used together for a complete
155 Mbps Fiber Optic Receiver (Quantizer and Clock Recovery,
and Transimpedance Amplifier) as shown in Figure 14.
The PIN diode front end is connected to a single mode 1300 nm
laser source. The PIN diode has 3.3 V reverse bias, 0.8 A/W
responsively, 0.7 pF capacitance, and 2.5 GHz bandwidth.
The AD8015 outputs (POUT and NOUT) drive a differential,
constant impedance (50
Ω) low-pass filter with a 3 dB cutoff
of 100 MHz. The outputs of the low-pass filter are ac coupled
to the AD807 inputs (PIN and NIN). The AD807 PLL damp-
ing factor is set at 7 using a 0.22
µF capacitor.
503mV
100mV/
DIV
–497mV
48.12ns
1ns/DIV
58.12ns
Figure 15. Receiver Output (Data) Eye Diagram,
–7.0 dBm Optical Input
503mV
100mV/
DIV
–497mV
49.12ns
1ns/DIV
59.12ns
Figure 16. Receiver Output (Data) Eye Diagram,
–36.0 dBm Optical Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com