Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ-080BH Datasheet(PDF) 1 Page - CUI Devices

Part # PJ-080BH
Description  DC POWER JACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PJ-080BH Datasheet(HTML) 1 Page - CUI Devices

  PJ-080BH Datasheet HTML 1Page - CUI Devices PJ-080BH Datasheet HTML 2Page - CUI Devices PJ-080BH Datasheet HTML 3Page - CUI Devices PJ-080BH Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 04/14/2023
page 1 of 4
MODEL: PJ-080BH | DESCRIPTION: DC POWER JACK
cuidevices.com
FEATURES
• 10 A current rating
• shielded
• no internal switch
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
36
Vdc
rated input current
10
A
contact resistance
30
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion/withdrawal force
0.3
3
kg
operating temperature
-25
85
°C
storage temperature
-40
85
°C
life
5,000
cycles
flammability rating
UL94V-0
RoHS
yes
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reel storage
reel opened & unsused parts repacked within 2 hours: ≤30°C, ≤60% humidity
reel unopened, 1 year shelf life: ≤30°C, ≤85% humidity
reflow soldering
see reflow profile
260
°C
drying conditions
parts removed from reel over 6 hours: bake at 40°C for 6 hours
Note:
1. CUI Devices recommends usage of the product within 2 hours after T&R is opened. After 6 hours, CUI Devices recommends drying the parts prior to use.
Time (sec)
175
217
260
175±25°C
120±60 s
217°C
60~150 s
255±5°C
24~36 s
3°C/s max ramp up
6°C/s max ramp down
255
260°C
10 s max
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PJ-080BH

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-080BH CUI-PJ-080BH Datasheet
333Kb / 3P
DC POWER JACK
More results

Similar Description - PJ-080BH

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-014CH-SMT CUI-PJ-014CH-SMT Datasheet
128Kb / 3P
DC POWER JACK
PJ-028-SMT CUI-PJ-028-SMT Datasheet
155Kb / 3P
DC POWER JACK
PJ-034-SMT CUI-PJ-034-SMT Datasheet
153Kb / 3P
DC POWER JACK
PJ-036AH-SMT CUI-PJ-036AH-SMT Datasheet
149Kb / 3P
DC POWER JACK
PJ-038-SMT CUI-PJ-038-SMT Datasheet
154Kb / 3P
DC POWER JACK
PJ-034A CUI-PJ-034A Datasheet
229Kb / 1P
DC POWER JACK
PJ-018 CUI-PJ-018 Datasheet
238Kb / 1P
DC POWER JACK
PJ-032BH CUI-PJ-032BH Datasheet
154Kb / 3P
DC POWER JACK
PJ-048H CUI-PJ-048H Datasheet
182Kb / 3P
DC POWER JACK
PJ-051AH CUI-PJ-051AH Datasheet
24Kb / 1P
DC POWER JACK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com