Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ-080BH Datasheet(PDF) 2 Page - CUI Devices

Part # PJ-080BH
Description  DC POWER JACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PJ-080BH Datasheet(HTML) 2 Page - CUI Devices

  PJ-080BH Datasheet HTML 1Page - CUI Devices PJ-080BH Datasheet HTML 2Page - CUI Devices PJ-080BH Datasheet HTML 3Page - CUI Devices PJ-080BH Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CUI DEVICES | MODEL: PJ-080BH | DESCRIPTION: DC POWER JACK
date 04/14/2023 | page 2 of 4
cuidevices.com
MECHANICAL DRAWING
Recommended PCB Layout
Top View
units: mm
tolerance: ±0.15 mm
unless otherwise specified
DESCRIPTION
MATERIAL
PLATING/COLOR
center pin
brass
nickel
terminal 1
brass
nickel
terminal 2
bronze
nickel
shield
brass
nickel
housing
PA9T (UL94V-0)
black
Jack Insertion Depth: 11.1 mm
MATING PLUG
Rating: 36 Vdc, 7 A
MATING PLUG
Rating: 36 Vdc, 10 A
Schematic
Model
Center Pin
PJ-080BH
Ø2.5 mm
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com