Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPM2C Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # CPM2C
Description  Compact PLC Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM2C Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button CPM2C Datasheet HTML 3Page - Omron Electronics LLC CPM2C Datasheet HTML 4Page - Omron Electronics LLC CPM2C Datasheet HTML 5Page - Omron Electronics LLC CPM2C Datasheet HTML 6Page - Omron Electronics LLC CPM2C Datasheet HTML 7Page - Omron Electronics LLC CPM2C Datasheet HTML 8Page - Omron Electronics LLC CPM2C Datasheet HTML 9Page - Omron Electronics LLC CPM2C Datasheet HTML 10Page - Omron Electronics LLC CPM2C Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
55
CPU Units
(Continued)
CPM2C–CPU Unit
Model code
CPM2C–S110C–DRT
− DIN rail mounting
− LED status display
M3 E
i
U it
Inputs
6 DC inputs
1 circuit, 6 inputs
− Max. 3 Expansion Units
− 24−pin front connector*
Voltagesupply24VDC
Outputs
4 transistor, PNP
1 circuit, 4 outputs
− Voltage supply 24 VDC
− Pulse output 2
− FUJITSU connector
DeviceNet I/O Link
Configurable up to 64 byte in
+ 64 byte out
− FUJITSU connector
CompoBus/S Master
Up to 128 remote input points
+ 128 remote output points
Data backup
Battery
Real−time clock
Yes
CPM2C–CPU Unit
Model code
CPM2C–S100C–DRT
− DIN rail mounting
− LED status display
M3 E
i
U it
Inputs
6 DC inputs
1 circuit, 6 inputs
− Max. 3 Expansion Units
− 24−pin front connector*
Voltagesupply24VDC
Outputs
4, transistor, NPN
1 circuit, 4 outputs
− Voltage supply 24 VDC
− Pulse output
DeviceNet I/O Link
Configurable, up to 64 byte in
+ 64 byte out
CompoBus/S Master
Up to 128 remote input points
+ 128 remote output points
Data backup
Battery
Real−time clock
Yes
* Front connector or terminal block and cable are not included in delivery package, see page 465.
Specifications
Relay output
CPM2C
–10CDR–D
–10C1DR–D
–
–
Transistor outp. PNP
–
–
–10CDT1C/M–D
–10C1DT1C/M–D
Transistor outp. NPN
–
–
–10CDTC/M–D
–10C1DTC/M–D
CPU built−in inputs
6 DC inp.
1 circuit, 6 inp.
6 DC inp.
1 circuit, 6 inp.
6 DC inp.
1 circuit, 6 inp.
6 DC inp.
1 circuit, 6 inp.
CPU built−in outputs
4 relay outp.
2 circuits, 1 outp. each
1 circuit, 2 outp.
4 A per circuit
4 relay outp.
2 circuits, 1 outp. each
1 circuit, 2 outp.
4 A per circuit
4 transistor outp.
1 circuit, 4 outp.
1 circuit, 2 outp.
1.2 A per circuit
4 transistor outp.
1 circuit, 4 outp.
1 circuit, 2 outp.
1.2 A per circuit
Max. local
Inputs
Outputs
86
84
86
84
86
84
86
84
Real−time clock
−
Yes
−
Yes
Number of Expansion Units
5
5
5
5
Data backup
Capacitor, 10 days
Battery, 2 years
Capacitor, 10 days
Battery, 2 years
Pulse output 10 Hz..10 kHz
−
−
2
2
Input interrupts 300
µs
call subroutine
2
2
2
2
Counter interrupts
2 kHz counting frequency
2
2
2
2
Pulse storage
min. 50
µs pulse width
2
2
2
2
Compact PLC Series CPM2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com