Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPM2C Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # CPM2C
Description  Compact PLC Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM2C Datasheet(HTML) 1 Page - Omron Electronics LLC

  CPM2C Datasheet HTML 1Page - Omron Electronics LLC CPM2C Datasheet HTML 2Page - Omron Electronics LLC CPM2C Datasheet HTML 3Page - Omron Electronics LLC CPM2C Datasheet HTML 4Page - Omron Electronics LLC CPM2C Datasheet HTML 5Page - Omron Electronics LLC CPM2C Datasheet HTML 6Page - Omron Electronics LLC CPM2C Datasheet HTML 7Page - Omron Electronics LLC CPM2C Datasheet HTML 8Page - Omron Electronics LLC CPM2C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
49
General
The CPM2C Micro PLC is suitable as a controller for simple
stand−alone machines, as well as a simple networked controller. One
innovation is the new synchronisation instruction, which makes it
possible to generate output pulse trains as a function of an input pulse
frequency, e.g. to emulate the synchronisation of 2 axes through a
variable gear ratio. Furthermore, PID control and pulse width
modulation can also be realised easily by preconfigured instructions.
PLC programs from the CPM1/CPM1A and the CPM2A can be used
with the CPM2C. Programming is carried out using the
CX−Programming software.
Features of the CPM2C series:
− Small size, space−saving narrow design
− Removable terminal block or connector
− Real−time clock and backup battery (dependent on type)
− One 20 kHz counter and two 10 kHz pulse outputs
− Peripheral and RS−232C ports in one connector
− Active RS−232C port (RXD/TXD instruction)
− Synchronisation, PID control, and pulse width modulation
instructions
The very small size and DIN rack mounting allow the CPM2C to be
installed in small control cabinets, which can be integrated directly into
machines and therefore save a great deal of space.
Performance Data
(Max. Values)
CPM2C–10_
CPM2C–S1_
CPM2C–20_
CPM2C–32_
Built–in I/O
Inputs
Outputs
6
4
6
4
12
8
16
16
With expansion
Inputs
Outputs
86
84
54
52
92
88
96
96
Execution time (bit instruction)
0.64
µs
0.64
µs
0.64
µs
0.64
µs
Program memory
4 kwords
4 kwords
4 kwords
4 kwords
Data memory
2 kwords
2 kwords
2 kwords
2 kwords
Input interrupts
2
2
4
4
Time–controlled interrupts
1
1
1
1
Networks and Communication
Ethernet (open network)
−
−
−
−
Controller Link (PLC network)
−
−
−
−
Host Link, SYSMAC WAY (serial network)
Yes
Yes
Yes
Yes
DeviceNet (open fieldbus)
−
Yes (slave)
−
−
CompoBus/S (fieldbus)
Yes (slave)
Yes (master/slave)
Yes (slave)
Yes (slave)
AS–Interface (open fieldbus)
−
−
−
−
PROFIBUS–DP (open fieldbus)
−
−
−
−
Compact PLC Series CPM2C


Similar Part No. - CPM2C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CPM2CS100C OMRON-CPM2CS100C Datasheet
288Kb / 5P
CPM2C-S10C offers high-speed local control, remote expandability in a very compact package.
More results

Similar Description - CPM2C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P1C OMRON-P1C Datasheet
548Kb / 6P
PLC Splitter Module
logo
XFMRS Inc.
XF0144-ST XFMRS-XF0144-ST Datasheet
76Kb / 1P
PLC XFMR
logo
PHOENIX CONTACT
PLC PHOENIX-PLC Datasheet
189Kb / 3P
Accessories for the PLC INTERFACE Series
logo
Kemet Corporation
PLT-02 KEMET-PLT-02 Datasheet
826Kb / 2P
Transformer for PLC
logo
PHOENIX CONTACT
103153 PHOENIX-103153 Datasheet
181Kb / 3P
Accessories for the PLC INTERFACE Series
logo
LinkCom Manufacturing C...
LTC0318-50P LINKCOM-LTC0318-50P Datasheet
68Kb / 1P
PLC Transformer
logo
Contec Co., Ltd
CPSA-PCB100 CONTEC-CPSA-PCB100 Datasheet
512Kb / 3P
ha Series PLC-Backup
logo
Schneider Electric
XBTZG9775 SCHNEIDER-XBTZG9775 Datasheet
108Kb / 2P
RS422 cabel for Mistubishi PLC FX series, HMI Sub-D9 to PLC MiniDin6
Apr 27, 2022
logo
Bourns Electronic Solut...
PFBR45 BOURNS-PFBR45 Datasheet
984Kb / 6P
PFBR45 Series PLC Transformer
REV. 05/22
logo
Delta Electronics, Inc.
DVP-SA DELTA-DVP-SA Datasheet
567Kb / 2P
Compact, Multi-function, Multiple Instructions PLC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com