Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1750122 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1750122
Description  MCDNV 1,5/ 4-G1-3,81 P14THR - PCB header
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1750122 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1750122 Datasheet HTML 1Page - PHOENIX CONTACT 1750122 Datasheet HTML 2Page - PHOENIX CONTACT 1750122 Datasheet HTML 3Page - PHOENIX CONTACT 1750122 Datasheet HTML 4Page - PHOENIX CONTACT 1750122 Datasheet HTML 5Page - PHOENIX CONTACT 1750122 Datasheet HTML 6Page - PHOENIX CONTACT 1750122 Datasheet HTML 7Page - PHOENIX CONTACT 1750122 Datasheet HTML 8Page - PHOENIX CONTACT 1750122 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Contact holder in insert
Specification
IEC 60512-15-1:2008-05
Contact holder in insert
Requirements >20 N
Test passed
Insertion and withdrawal forces
Result
Test passed
No. of cycles
25
Insertion strength per pos. approx.
8 N
Withdraw strength per pos. approx.
6 N
Electrical tests
Thermal test | Test group C
Specification
IEC 60512-5-1:2002-02
Tested number of positions
20
Insulation resistance
Specification
IEC 60512-3-1:2002-02
Insulation resistance, neighboring positions
> 5 MΩ
Air clearances and creepage distances |
Specification
IEC 60664-1:2007-04
Insulating material group
IIIa
Comparative tracking index (IEC 60112)
CTI 175
Rated insulation voltage (III/3)
160 V
Rated surge voltage (III/3)
2.5 kV
minimum clearance value - non-homogenous field (III/3)
1.5 mm
minimum creepage distance (III/3)
2.5 mm
Rated insulation voltage (III/2)
160 V
Rated surge voltage (III/2)
2.5 kV
minimum clearance value - non-homogenous field (III/2)
1.5 mm
minimum creepage distance (III/2)
1.6 mm
Rated insulation voltage (II/2)
250 V
Rated surge voltage (II/2)
2.5 kV
minimum clearance value - non-homogenous field (II/2)
1.5 mm
minimum creepage distance (II/2)
2.5 mm
Environmental and real-life conditions
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.35 mm (10 Hz ... 60.1 Hz)
Acceleration
5g (60.1 Hz ... 150 Hz)
MCDNV 1,5/ 4-G1-3,81 P14THR - PCB header
1750122
https://www.phoenixcontact.com/us/products/1750122
Jul 3, 2024, 5:11 AM
Page 4 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com