Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1750122 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1750122
Description  MCDNV 1,5/ 4-G1-3,81 P14THR - PCB header
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1750122 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1750122 Datasheet HTML 1Page - PHOENIX CONTACT 1750122 Datasheet HTML 2Page - PHOENIX CONTACT 1750122 Datasheet HTML 3Page - PHOENIX CONTACT 1750122 Datasheet HTML 4Page - PHOENIX CONTACT 1750122 Datasheet HTML 5Page - PHOENIX CONTACT 1750122 Datasheet HTML 6Page - PHOENIX CONTACT 1750122 Datasheet HTML 7Page - PHOENIX CONTACT 1750122 Datasheet HTML 8Page - PHOENIX CONTACT 1750122 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical data
Product properties
Product type
PCB headers
Product family
MCDNV 1,5/..-G1-THR
Product line
COMBICON Connectors S
Type
Component suitable for through hole reflow
Number of positions
4
Pitch
3.81 mm
Number of connections
8
Number of rows
2
Number of potentials
8
Mounting flange
without
Pin layout
Linear pinning
Solder pins per potential
1
Electrical properties
Nominal current IN
8 A
Nominal voltage UN
160 V
Contact resistance
1.8 mΩ
Rated voltage (III/3)
160 V
Rated surge voltage (III/3)
2.5 kV
Rated voltage (III/2)
160 V
Rated surge voltage (III/2)
2.5 kV
Rated voltage (II/2)
250 V
Rated surge voltage (II/2)
2.5 kV
Mounting
Mounting type
THR soldering / wave soldering
Pin layout
Linear pinning
Material specifications
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC
60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
Tin-plated
Metal surface contact area (top layer)
Tin (3 - 5 µm Sn)
Metal surface contact area (middle layer)
Nickel (1.3 - 3 µm Ni)
Metal surface soldering area (top layer)
Tin (3 - 5 µm Sn)
Metal surface soldering area (middle layer)
Nickel (1.3 - 3 µm Ni)
Material data - housing
Color (Housing)
black (9005)
MCDNV 1,5/ 4-G1-3,81 P14THR - PCB header
1750122
https://www.phoenixcontact.com/us/products/1750122
Jul 3, 2024, 5:11 AM
Page 2 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com