Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US2MA Datasheet(PDF) 3 Page - ON Semiconductor

Part # US2MA
Description  Super Fast Surface Mount Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

US2MA Datasheet(HTML) 3 Page - ON Semiconductor

  US2MA Datasheet HTML 1Page - ON Semiconductor US2MA Datasheet HTML 2Page - ON Semiconductor US2MA Datasheet HTML 3Page - ON Semiconductor US2MA Datasheet HTML 4Page - ON Semiconductor US2MA Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
US2AA−US2MA
www.onsemi.com
3
LEAD TEMPERATURE (oC)
RESISTIVE OR
INDUCTIVE LOAD
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TJ=25
TJ=125
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine Wave
REVERSE VOLTAGE (V)
US2AA−US2GA
US2JA−US2MA
f=1.0MHz
Vslg=50mVp−p
Figure 1. Forward Current Derating Curve
Figure 2. Typical Reverse Characteristics
Figure 3. Maximum Non−Repetitive Forward
Surge Current
Figure 4. Typical Forward Characteristics
Figure 5. Typical Forward Characteristics
Figure 6. Typical Forward Characteristics
TYPICAL PERFORMANCE CHARACTERISTICS
FORWARD VOLTAGE (V)
US2AA−US2FA
US2GA
US2JA−US2MA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com